|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
MC34920 - 2.8 OHM (Typ) Quad H-Bridge Motor Driver - Motorola, Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| A3988 | Quad DMOS Full Bridge PWM Motor Driver | 1 2 3 4 5 More | Allegro MicroSystems |
| 17510 | 1.2 A 15 V H-Bridge Motor Driver IC | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MPC17550 | Quad H-Bridge Micromotor Driver with DC/DC Boost Converter | 1 2 3 4 5 More | Motorola, Inc |
| M63160J | STEPPING MOTOR DRIVER | 1 2 3 4 5 More | Renesas Technology Corp |
| NJU7327 | Single-phase DC Brushless Motor Driver IC | 1 2 3 4 5 More | New Japan Radio |
| DBL2018-C | 2 MOTOR DRIVER FOR A VTR | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| 908E626 | Integrated Stepper Motor Driver with Embedded MCU and LIN Serial Communication | 1 2 3 4 5 More | Freescale Semiconductor, Inc |
| MM88C29 | Quad Single-Ended Line Driver . Dual Differential Line Driver | 1 2 3 4 5 More | Fairchild Semiconductor |
| MC1488_06 | RS-232 quad line driver | 1 2 3 4 5 More | STMicroelectronics |
| BD6609FV | Spindle Motor Driver for CD/MD | 1 2 | Rohm |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 |
Link URL |
|
|