![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
98822 - High Voltage MOSFET - IXYS Corporation |
|
Click Here View 98822 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| MTP3N55 | HIGH VOLTAGE POWER MOSFET N-CHANNEL | ETC |
| KAQW614 | HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT | COSMO Electronics Corporation |
| BUZ50A | HIGH VOLTAGE POWER MOSFET N-CHANNEL | ETC |
| IXTH12N120 | Power MOSFET Avalanche Rated High Voltage | IXYS Corporation |
| BF1009S | Silicon N-Channel MOSFET Tetrode For low noise high gain controlled input stages up to 1GHz Operating voltage 9V Integrated bias network | Siemens Semiconductor Group |
| KAQY210 | HIGH VOLTAGE STATE RELAY MOSFET OUTPUT | COSMO Electronics Corporation |
| BF1012 | Silicon N-Channel MOSFET Tetrode For low noise high gain controlled input stages up to 1GHz Operating voltage 12V Integrated stabilized bias network | Siemens Semiconductor Group |
| ISL6144 | High Voltage ORing MOSFET Controller | Intersil Corporation |
| KAQY212 | HIGH VOLTAGE SOLID STATE RELAY - MOSFET OUTPUT | COSMO Electronics Corporation |
| IRFC450 | HIGH VOLTAGE POWER MOSFET DIE | IXYS Corporation |
Link URL |
|
|
Related keyword |
| 98822 Datasheet | 98822 Cross Reference | 98822 Schematic | 98822 Distributor | 98822 Datenblatt | 98822 RoHS |
| 98822 Equivalent | 98822 Application Notes | 98822 Data Sheet | 98822 component | 98822 Fiche Technique | 98822 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |