|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TRF3701 - 0.4 GHz to 1.5 GHz QUADRATURE MODULATOR - Texas Instruments |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPC8110GR-E1 | 1 GHz QUADRATURE MODULATOR | 1 2 3 4 | NEC |
| AD8341 | 1.5 GHz to 2.4 GHz RF Vector Modulator | 1 2 3 4 5 More | Analog Devices |
| TRF3701 | 0.6 GHz to 1.0 GHz QUADRATURE MODULATOR | 1 2 3 4 5 | Texas Instruments |
| MB54609 | Quadrature Modulator IC With 1.0 GHz Up-converter | 1 2 3 4 5 More | Fujitsu Component Limited. |
| W3011 | 1 GHz Quadrature Modulator | 1 2 3 4 5 More | Agere Systems |
| UPC8110GR | 1 GHz DIRECT QUADRATURE MODULATOR FOR DIGITAL MOBILE COMMUNICATION | 1 2 3 4 5 More | NEC |
| CXG1014N | 1.5 GHz Low Noise Amplifier/Down Conversion Mixer | 1 2 3 4 5 More | Sony Corporation |
| UPC2710T | 1.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER | 1 2 3 4 5 More | NEC |
| CMM1431-SM | 13.50 to 14.50 GHz 1.5 Watt Power Amplifier | 1 2 3 4 | Mimix Broadband |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 |
Link URL |
|
|