|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SS22 - Schottky Rectifiers - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MBR1670CT | SCHOTTKY BARRIER RECTIFIERS | 1 2 | Lite-On Technology Corporation |
| SB1020 | 10 AMPERE SCHOTTKY BARRIER RECTIFIERS | 1 2 | Transys Electronics |
| D10SC6MR | Schottky Rectifiers SBD 60V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| D240SC4M | Schottky Rectifiers SBD 40V 240A | 1 | Shindengen Electric Mfg.Co.Ltd |
| D3S4M | Schottky Rectifiers SBD 40V 3A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| DE10SC3L | Schottky Rectifiers SBD 30V 10A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| DF20SC4M | Schottky Rectifiers SBD 40V 20A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| S25SC6M | Schottky Rectifiers SBD 60V 25A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| SF30SC6 | Schottky Rectifiers SBD 60V 30A | 1 2 3 4 5 More | Shindengen Electric Mfg.Co.Ltd |
| SM5817 | 1.0 AMP SURFACE MOUNT SCHOTTKY BARRIER RECTIFIERS | 1 2 | Bytes |
Datasheet Page |
1 2 3 |
Link URL |
|
|