Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

BZT52C30 Datasheet (PDF) - SeCoS Halbleitertechnologie GmbH

BZT52C30 Datasheet PDF - SeCoS Halbleitertechnologie GmbH
Part # BZT52C30
Download  BZT52C30 Download

File Size   685.26 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 500mW SOD-123 Surface Mount Zener Diodes

BZT52C30 Datasheet (PDF)

Go To PDF Page Download Datasheet
BZT52C30 Datasheet PDF - SeCoS Halbleitertechnologie GmbH

Part # BZT52C30
Download  BZT52C30 Click to download

File Size   685.26 Kbytes
Page   4 Pages
Manufacturer  SECOS [SeCoS Halbleitertechnologie GmbH]
Direct Link  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH
Description 500mW SOD-123 Surface Mount Zener Diodes

BZT52C30 Datasheet (HTML) - SeCoS Halbleitertechnologie GmbH

BZT52C30 Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH BZT52C30 Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH BZT52C30 Datasheet HTML 3Page - SeCoS Halbleitertechnologie GmbH BZT52C30 Datasheet HTML 4Page - SeCoS Halbleitertechnologie GmbH

BZT52C30 Product details

FEATURES
● Standard Zener Breakdown Voltage Range: 2.4V to
   43V
● Steady State Power Rating of 500 mW
● Small Body Outline Dimensions: 3.70 mm x 1.60 mm
● Low Body Height: 1.05 mm
● Package Weight: 10.00 mg / unit
● ESD Rating of Class 3 ( > 16 KV ) per Human Body
   Model




Similar Part No. - BZT52C30

ManufacturerPart #DatasheetDescription
logo
SHENZHEN YONGERJIA INDU...
BZT52C30 WINNERJOIN-BZT52C30 Datasheet
238Kb / 3P
   ZENER DIODE
logo
Diodes Incorporated
BZT52C30 DIODES-BZT52C30 Datasheet
73Kb / 3P
   SURFACE MOUNT ZENER DIODE
DS18004 Rev. 19 - 2
logo
Foshan Blue Rocket Elec...
BZT52C30 FOSHAN-BZT52C30 Datasheet
656Kb / 7P
   Zener Diode in a SOD-123 Plastic Package.
logo
Guangdong Kexin Industr...
BZT52C30 KEXIN-BZT52C30 Datasheet
50Kb / 2P
   Surface Mount Zener Diodes
logo
Dongguan City Niuhang E...
BZT52C30 NIUHANG-BZT52C30 Datasheet
1Mb / 6P
   PLASTIC-ENCAPSULATE ZENER DIODE
More results


Similar Description - BZT52C30

ManufacturerPart #DatasheetDescription
logo
SeCoS Halbleitertechnol...
MMSZ52XXB SECOS-MMSZ52XXB Datasheet
465Kb / 3P
   500mW, SOD-123 Series Surface Mount Zener Diodes
logo
First Silicon Co., Ltd
BZT52C2V4 FS-BZT52C2V4 Datasheet
196Kb / 3P
   Zener Diode 500mW SOD-123 Surface Mount
logo
Yea Shin Technology Co....
MMSZ2V4 YEASHIN-MMSZ2V4 Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
Guangdong Juxing Electr...
MMSZ2V0BW JUXING-MMSZ2V0BW Datasheet
517Kb / 3P
   500mW SOD-123 SURFACE MOUNT
logo
Yea Shin Technology Co....
MMSZ5221B YEASHIN-MMSZ5221B Datasheet
1Mb / 4P
   500mW SOD-123 SURFACE MOUNT
logo
SeCoS Halbleitertechnol...
MTSZ52XXBW SECOS-MTSZ52XXBW Datasheet
478Kb / 4P
   500mW, SOD-123LH Surface Mount Zener Diodes
BZT52B SECOS-BZT52B Datasheet
299Kb / 3P
   350mW, SOD-123 Series Surface Mount Zener Diodes
logo
Tak Cheong Electronics ...
MMSZ5221CW TAK_CHEONG-MMSZ5221CW Datasheet
233Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4BW TAK_CHEONG-MMSZ2V4BW Datasheet
216Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
MMSZ2V4CW TAK_CHEONG-MMSZ2V4CW_09 Datasheet
239Kb / 5P
   500mW SOD-123 SURFACE MOUNT Flat Lead Surface Mount Plastic Package Zener Voltage Regulators
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com