|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SD2639 - 140V / 12A, AF 60W Output Applications - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| 2SB817 | 140V/12A AF 60W Output Applicationsãããã | 1 2 3 4 | Sanyo Semicon Device |
| 2SA2062 | 140V / 10A AF70W Output Applications | 1 2 3 4 | Sanyo Semicon Device |
| 2SC2073A | TRANSISTOR POWER AMPLIFIER VERTICAL OUTPUT APPLICATIONS | 1 2 | Toshiba Semiconductor |
| KSD5003 | NPN COLOR TV HORZONTAL OUTPUT APPLICATIONS DAMPER DIODE BUILT IN | 1 2 3 4 5 More | Samsung semiconductor |
| 2SD2645 | Color TV Horizontal Deflection Output Applications | 1 2 3 4 | Sanyo Semicon Device |
| LC7802 | Output Port Expansion IC for VTR Applications | 1 2 3 4 5 | Sanyo Semicon Device |
| TS7988 | Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications | 1 2 3 | Sanyo Semicon Device |
| CL055 | NPN SILICON PLANAR EPITAXIAL COMPLEMENTARY PAIR SPECIALLY DESIGNED FOR 1-WATT AUDIO AMPLIFIER OUTPUT AND SWITCHING APPLICATIONS | 1 | Micro Electronics |
| 2SC5506 | Ultrahigh-Definition CRT Display Horizontal Deflection Output Applications | 1 2 3 4 | Sanyo Semicon Device |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|