|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPG2006TB - NECs 1.8 V L, S-BAND SPDT SWITCH - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPG2012TK | NECs ¼ W SINGLE CONTROL L S-BAND SPDT SWITCH | 1 2 3 4 5 More | NEC |
| UPG2151T5K | NECs COMPACT 1/2WL S-BAND SPDT SWITCH | 1 2 3 4 5 More | California Eastern Labs |
| UPG2214TB | NECs ½W LOW VOLTAGE L S-BAND SPDT SWITCH | 1 2 3 4 5 More | NEC |
| UPG2009TB | NECs L S-BAND 4W SPDT SWITCH | 1 2 3 4 5 More | NEC |
| UPG2015TB | NECs 1W SINGLE CONTROL L S-BAND SPDT SWITCH | 1 2 3 4 5 More | NEC |
| UPG2030TB | NECs 1W L S-BAND SPDT SWITCH | 1 2 3 4 5 More | NEC |
| UPG2179TB | NECs 1.5W L S-BAND SPDT SWITCH | 1 2 3 4 5 More | NEC |
| UPG2008TK | NECs L S BAND ULTRA SMALL SPDT GaAs MMIC SWITCH | 1 2 | California Eastern Labs |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 |
Link URL |
|
|