|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPC1688 - NECs 1.0 GHz BANDWIDTH SILICON MMIC AMPLIFIER - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPC1654 | 1.0 GHz SILICON MMIC AMPLIFIER | 1 2 3 | NEC |
| UPC2709T | 2.5 GHz SILICON MMIC WIDE-BAND AMPLIFIER | 1 2 3 4 5 More | NEC |
| INA-30311 | 1 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| INA-50311 | 1 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| INA-51063 | 2.4 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 | Agilent(Hewlett-Packard) |
| INA-52063 | 1.5 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| UPC1688G | 5 V 1.1 GHz WIDE BAND AND FLAT GAIN AMPLIFIER SILICON MMIC | 1 2 3 4 5 More | NEC |
| INA-54063 | 3.0 GHz Low Noise Silicon MMIC Amplifier | 1 2 3 4 5 More | Agilent(Hewlett-Packard) |
| IVA-05128 | Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier | 1 2 3 4 | Agilent(Hewlett-Packard) |
| IVA-05208 | Silicon Bipolar MMIC 1.5 GHz Variable Gain Amplifier | 1 2 3 4 | Agilent(Hewlett-Packard) |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|