Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ST6240B Datasheet (PDF) - STMicroelectronics

ST6240B Datasheet PDF - STMicroelectronics
Part # ST6240B
Download  ST6240B Download

File Size   1280.49 Kbytes
Page   76 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER

ST6240B Datasheet (PDF)

Go To PDF Page Download Datasheet
ST6240B Datasheet PDF - STMicroelectronics

Part # ST6240B
Download  ST6240B Click to download

File Size   1280.49 Kbytes
Page   76 Pages
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics
Description 8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER

ST6240B Datasheet (HTML) - STMicroelectronics

Back Button ST6240B Datasheet HTML 1Page - STMicroelectronics ST6240B Datasheet HTML 2Page - STMicroelectronics ST6240B Datasheet HTML 3Page - STMicroelectronics ST6240B Datasheet HTML 4Page - STMicroelectronics ST6240B Datasheet HTML 5Page - STMicroelectronics ST6240B Datasheet HTML 6Page - STMicroelectronics ST6240B Datasheet HTML 7Page - STMicroelectronics ST6240B Datasheet HTML 8Page - STMicroelectronics ST6240B Datasheet HTML 9Page - STMicroelectronics ST6240B Datasheet HTML 10Page - STMicroelectronics Next Button 

ST6240B Product details

GENERAL DESCRIPTION
INTRODUCTION
The ST62T40B and ST62E40B devices are low cost members of the ST62xx 8-bit HCMOS family of microcontrollers, which are targeted at low to medium complexity applications. All ST62xx devices are based on a building block approach: a common core is surrounded by a number of onchip peripherals.
The ST62E40B is the erasable EPROM version of the ST62T40B device, which may be used to emulate the ST62T40B device, as well as the respective ST6240B ROM devices.

■ 3.0 to 6.0V Supply Operating Range
■ 8 MHz Maximum Clock Frequency
■ -40 to +85°C Operating Temperature Range
■ Run, Wait and Stop Modes
■ 5 Interrupt Vectors
■ Look-up Table capability in Program Memory
■ Data Storage in Program Memory:
   User selectable size
■ Data RAM: 192 bytes
■ Data EEPROM: 128 bytes
■ User Programmable Options
■ 24 I/O pins, fully programmable as:
   – Input with pull-up resistor
   – Input without pull-up resistor
   – Input with interrupt generation
   – Open-drain or push-pull output
   – Analog Input
   – LCD segments (8 combiport lines)
■ 4 I/O lines can sink up to 20mA to drive LEDs or
   TRIACs directly
■ Two 8-bit Timer/Counter with 7-bit
   programmable prescaler
■ Digital Watchdog
■ 8-bit A/D Converter with 12 analog inputs
■ 8-bit Synchronous Peripheral Interface (SPI)
■ LCD driver with 45 segment outputs, 4
   backplane outputs and selectable multiplexing
   ratio.
■ 32kHz oscillator for stand-by LCD operation
■ Power Supply Supervisor (PSS)
■ On-chip Clock oscillator can be driven by Quartz
   Crystal or Ceramic resonator
■ One external Non-Maskable Interrupt
■ ST6240-EMU2 Emulation and Development
   System (connects to an MS-DOS PC via a
   parallel port).




Similar Part No. - ST6240B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST6240B-EMU2 STMICROELECTRONICS-ST6240B-EMU2 Datasheet
84Kb / 4P
   REAL TIME EMULATION DEVELOPMENT TOOLS FOR ST6 MCU FAMILY
More results


Similar Description - ST6240B

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
ST62T40B STMICROELECTRONICS-ST62T40B Datasheet
445Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
August 1999 Rev. 2.6
ST62T80B STMICROELECTRONICS-ST62T80B_07 Datasheet
1Mb / 80P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
ST6280B STMICROELECTRONICS-ST6280B Datasheet
1Mb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER EEPROM AND A/D CONVERTER
September 1998 Rev. 2.4
ST62T42B STMICROELECTRONICS-ST62T42B Datasheet
410Kb / 68P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
August 1999 Rev. 2.6
ST62T46B STMICROELECTRONICS-ST62T46B Datasheet
455Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
September 1998 Rev. 2.5
ST62T45B STMICROELECTRONICS-ST62T45B Datasheet
514Kb / 72P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
March 1998 Rev. 2.3
ST62T80B STMICROELECTRONICS-ST62T80B Datasheet
488Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T85B STMICROELECTRONICS-ST62T85B Datasheet
461Kb / 76P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T85B STMICROELECTRONICS-ST62T85B_01 Datasheet
874Kb / 78P
   8-BIT OTP/EPROM MCU WITH LCD DRIVER, EEPROM AND A/D CONVERTER
ST62T52B STMICROELECTRONICS-ST62T52B Datasheet
745Kb / 68P
   8-BIT OTP/EPROM MCUs WITH A/D CONVERTER, AUTO-RELOAD TIMER AND EEPROM
April 1998 Rev. 2.4
More results




About STMicroelectronics


STMicroelectronics is a multinational electronics and semiconductor manufacturer based in Geneva, Switzerland.

The company offers a wide range of products including microcontrollers, sensors, power amplifiers, and integrated circuits for various applications in the automotive, industrial, and consumer markets.

Founded in 1987, STMicroelectronics has operations in over 100 countries and is one of the largest semiconductor companies in the world.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com