Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

UHP-350 Datasheet (PDF) - Mean Well Enterprises Co., Ltd.

UHP-350 Datasheet PDF - Mean Well Enterprises Co., Ltd.
Part # UHP-350
Download  UHP-350 Download

File Size   237.01 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 350W Slim Type with PFC Switching Power Supply

UHP-350 Datasheet (PDF)

Go To PDF Page Download Datasheet
UHP-350 Datasheet PDF - Mean Well Enterprises Co., Ltd.

Part # UHP-350
Download  UHP-350 Click to download

File Size   237.01 Kbytes
Page   6 Pages
Manufacturer  MEANWELL [Mean Well Enterprises Co., Ltd.]
Direct Link  http://www.meanwell.com
Logo MEANWELL - Mean Well Enterprises Co., Ltd.
Description 350W Slim Type with PFC Switching Power Supply

UHP-350 Datasheet (HTML) - Mean Well Enterprises Co., Ltd.

UHP-350 Datasheet HTML 1Page - Mean Well Enterprises Co., Ltd. UHP-350 Datasheet HTML 2Page - Mean Well Enterprises Co., Ltd. UHP-350 Datasheet HTML 3Page - Mean Well Enterprises Co., Ltd. UHP-350 Datasheet HTML 4Page - Mean Well Enterprises Co., Ltd. UHP-350 Datasheet HTML 5Page - Mean Well Enterprises Co., Ltd. UHP-350 Datasheet HTML 6Page - Mean Well Enterprises Co., Ltd.

UHP-350 Product details

DESCRIPTION
UHP-350 series is a 350W single-output slim type power supply with 31mm of low profile design. Adopting the full range 90~264VAC input, the entire series provides an output voltage line of 3.3V, 4.2V, 5V, 12V, 15V, 24V, 36V and 48V. In addition to the high efficiency up to 94%, that the whole series operatesfrom -30 ~ 70 under air convection without fan. UHP-350 has the complete ℃ ℃ protection functions and 5G anti-vibration capability It is complied with the international safety ; regulations such as TUV EN60950-1, EN60335-1, UL60950-1 and GB4943. UHP-350 series serves as a high performance power supply solution for various industrial applications.

Applications
 • Industrial automation machinery
 • Industrial control system
 • Mechanical and electrical equipment
 • Electronic instruments, equipments or apparatus
 • Household appliances
 • LED display application




Similar Part No. - UHP-350

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
UHP-3-3-30-D48 ETC-UHP-3-3-30-D48 Datasheet
69Kb / 4P
   Single Output UHP Models
More results


Similar Description - UHP-350

ManufacturerPart #DatasheetDescription
logo
Mean Well Enterprises C...
UHP-200 MEANWELL-UHP-200 Datasheet
226Kb / 6P
   200W Slim Type with PFC Switching Power Supply
UHP-1000 MEANWELL-UHP-1000 Datasheet
333Kb / 8P
   1000W Slim Type with PFC Switching Supply
UHP-500 MEANWELL-UHP-500 Datasheet
235Kb / 6P
   500W Slim Type with PFC Switching Supply
UHP-750 MEANWELL-UHP-750 Datasheet
312Kb / 5P
   750W Slim Type with PFC Switching Supply
logo
MicroPower Direct, LLC
MPA350X MPD-MPA350X Datasheet
296Kb / 3P
   350W AC-DC ACTIVE PFC SWITCHING POWER SUPPLY
logo
Mean Well Enterprises C...
NES-350 MEANWELL-NES-350 Datasheet
279Kb / 2P
   350W Single Output Switching Power Supply
S-350 MEANWELL-S-350 Datasheet
233Kb / 2P
   350W Single Output Switching Power Supply
SE-350 MEANWELL-SE-350 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
SE-350 MEANWELL-SE-350_12 Datasheet
281Kb / 2P
   350W Single Output Switching Power Supply
LRS-350 MEANWELL-LRS-350 Datasheet
85Kb / 4P
   350W Single Output Switching Power Supply
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com