|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
KA79XX - 3-Terminal 1A Negative Voltage Regulator - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MC79LXXA | 3-Terminal 0.1A Negative Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| LM7905 | 3-Terminal 1A Negative Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| AMC79L05 | 100mA / 3-TERMINAL NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| PL7915XE3 | 3-TERMINAL NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 | Cystech Electonics Corp. |
| MC79MXX | 3-Terminal 0.5A Negative Voltage Regulator | 1 2 3 4 5 More | Fairchild Semiconductor |
| PL7918XE3 | 3-TERMINAL NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 | Cystech Electonics Corp. |
| PL7924XE3 | 3-TERMINAL NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 | Cystech Electonics Corp. |
| KA79LXXA | 3-TERMINAL 0.1A NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | Boca Semiconductor Corporation |
| NJM79L24A | 3-TERMINAL NEGATIVE VOLTAGE REGULATOR | 1 2 3 4 5 More | New Japan Radio |
| NTE1961 | Integrated Circuit Negative 3-Terminal Voltage Regulator | 1 2 3 | NTE Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 |
Link URL |
|
|