Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

NTE1576 Datasheet (PDF) - NTE Electronics

NTE1576 Datasheet PDF - NTE Electronics
Part # NTE1576
Download  NTE1576 Download

File Size   23.77 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Volume Control/Balance/Tone

NTE1576 Datasheet (PDF)

Go To PDF Page Download Datasheet
NTE1576 Datasheet PDF - NTE Electronics

Part # NTE1576
Download  NTE1576 Click to download

File Size   23.77 Kbytes
Page   3 Pages
Manufacturer  NTE [NTE Electronics]
Direct Link  http://www.nteinc.com
Logo NTE - NTE Electronics
Description Integrated Circuit Dual Volume Control/Balance/Tone

NTE1576 Datasheet (HTML) - NTE Electronics

NTE1576 Datasheet HTML 1Page - NTE Electronics NTE1576 Datasheet HTML 2Page - NTE Electronics NTE1576 Datasheet HTML 3Page - NTE Electronics

NTE1576 Product details

Description:

The NTE1576 is a DC controlled dual volume, balance and tone (Bass, treble) integrated circuit in 1 16–Lead DIP type package. As these dual channels are constructed on one chip, this IC is excellent in pair characterisitics and it is suitable for automobile stereo, radio cassette, music center, TV multiplex sound receiver and remote controlled applications.



Features:

Wide Power Supply Voltage Range:

   Single Supply VCC (opr) = 8V to 14V

   Dual Supply VCC – VEE (opr) = ±4V to ±7V

Wide Volume Control Range: VR = 80dB (Typ.)

Excellent Cross Talk: CT = 70dB (Typ)

Stable for Temperature Drift

Wide Tone Control Range:

   VB = 10dB (Typ) at f = 1kHz 100Hz

   VT = 12dB (Typ) at f = 1kHz 20kHz




Similar Part No. - NTE1576

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE157 NTE-NTE157 Datasheet
23Kb / 2P
   Silicon NPN Transistor Audio Power Amp, High Voltage Converter (Compl to NTE39)
NTE1570 NTE-NTE1570 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1572 NTE-NTE1572 Datasheet
36Kb / 5P
   Integrated Circuit TV Video IF, Sound IF
NTE1575 NTE-NTE1575 Datasheet
18Kb / 2P
   Integrated Circuit B/W TV Sound IF Amplifier
NTE1577 NTE-NTE1577 Datasheet
27Kb / 4P
   Integrated Circuit Dual, Low Noise Preamp w/Auto Reverse
More results


Similar Description - NTE1576

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE15029 NTE-NTE15029 Datasheet
24Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
NTE1780 NTE-NTE1780 Datasheet
27Kb / 3P
   Integrated Circuit 2 Channel Tone/DC Volume/Balance Control Circuit
logo
Texas Instruments
LM4610 TI1-LM4610 Datasheet
773Kb / 18P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
logo
National Semiconductor ...
LM1036 NSC-LM1036 Datasheet
339Kb / 10P
   Dual DC Operated Tone/Volume/Balance Circuit
logo
Texas Instruments
LM1036M TI1-LM1036M Datasheet
752Kb / 14P
[Old version datasheet]   Dual DC Operated Tone/Volume/Balance Circuit
LM1036 TI1-LM1036 Datasheet
1Mb / 23P
[Old version datasheet]   LM1036 Dual DC Operated Tone/Volume/Balance Circuit
logo
Toshiba Semiconductor
TA7630P TOSHIBA-TA7630P Datasheet
362Kb / 10P
   DUAL VOLUME/BALANCE/TONE (BASS/BREBLE) DC CONTROL IC
logo
National Semiconductor ...
LM1035 NSC-LM1035 Datasheet
627Kb / 10P
   DUAL DC OPERATED TONE/VOLUME BALANCE CIRCUITS
logo
NXP Semiconductors
TDA1524A PHILIPS-TDA1524A Datasheet
207Kb / 16P
   Stereo-tone/volume control circuit
September 1987
logo
Samsung semiconductor
KA2107 SAMSUNG-KA2107 Datasheet
110Kb / 5P
   DC VOLUME, TONE CONTROL CIRCUIT
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com