
Electronic Component's Datasheet Search Site 
Mirror site (Language) :
English
, Chinese
, German
, Japanese
, Russian
, Korean
, Spanish
, French
, Italian
, Portuguese
, Polish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
|
|
|
Featured Products and Offers |
PC33981PNA/R2 Datasheet (PDF) - Motorola, Inc - High-Frequency, High-Current, Self-Protected High-Side Switch (4.0 mΩ up to 60 kHz)
|
|
|
|
| Part No. | PC33981PNA/R2 |
|
| Download |
PC33981PNA/R2 Click to view |
|
| File Size | 469.59 Kbytes |
|
| Page | 24 Pages |
|
| Maker | MOTOROLA [Motorola, Inc] |
|
| Homepage | http://www.freescale.com |
|
| Logo |  |
|
|
|
|
|
| |
PC33981PNA/R2 Datasheet (HTML) |
Related Electronics Part Number |
Related keyword |
| PC33981PNA/R2 Datasheet | PC33981PNA/R2 Cross Reference | PC33981PNA/R2 Schematic | PC33981PNA/R2 Distributor | PC33981PNA/R2 Datenblatt | PC33981PNA/R2 RoHS |
| PC33981PNA/R2 Equivalent | PC33981PNA/R2 Application Notes | PC33981PNA/R2 Data Sheet | PC33981PNA/R2 component | PC33981PNA/R2 Fiche Technique | PC33981PNA/R2 Circuit |
|