|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AK4641 - 16 BIT CODEC WITH BLUETOOTH INTERFACE - Asahi Kasei Microsystems |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| MCP3001 | 2.7V 10 BIT A/D CONVERTER WITH SPI SERIAL INTERFACE | 1 2 3 4 5 More | Microchip Technology |
| CS4220 | 24-Bit Stereo Audio Codec with 3V Interface | 1 2 3 4 5 More | Cirrus Logic |
| BU7807-00KV | Stereo audio interface with CODEC | 1 2 3 4 5 | Rohm |
| BU7812KN | Monaural audio interface with CODEC | 1 2 3 4 5 | Rohm |
| UDA1355H | Stereo audio codec with SPDIF interface | 1 2 3 4 5 More | NXP Semiconductors |
| IDT82V1054A | QUAD PROGRAMMABLE PCM CODEC WITH MPI INTERFACE | 1 2 3 4 5 More | Integrated Device Technology |
| WM8776 | 24 BIT 192KHZ STEREO CODEC WITH 5 CHANNEL I/P MULTIPLEXER | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| WM8772 | 24 BIT 192KHZ 6 CHANNEL CODEC WITH VOLUME CONTROL | 1 2 3 4 5 More | Wolfson Microelectronics plc |
| PCM2901 | STEREO AUDIO CODEC WITH USB INTERFACE SINGLE ENDED ANALOG INPUT/OUTPUT AND S/P DIF | 1 2 3 4 5 More | Texas Instruments |
| IDT821064 | QUAD PROGRAMMABLE PCM CODEC WITH GCI INTERFACE | 1 2 3 4 5 More | Integrated Device Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 |
Link URL |
|
|