|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
2SC5900 - SILICON TRANSISTOR - Sanyo Semicon Device |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| STD123ASF | NPN Silicon Transistor | 1 2 3 | AUK corp |
| STD882 | NPN Silicon Transistor | 1 2 3 | AUK corp |
| SUR481H | NPN/PNP epitaxial planar Silicon Transistor | 1 2 3 | AUK corp |
| 2N6439 | 60 W 225 to 400 MHz CONTROLLED âQâ BROADBAND RF POWER TRANSISTOR NPN SILICON | 1 2 3 4 5 More | Motorola, Inc |
| SUR542EF | Epitaxial Planar Type NPN Silicon Transistor | 1 2 3 4 | AUK corp |
| 2SC6014 | NPN Epitaxial Planar Silicon Transistor DC / DC Converter Applications | 1 2 3 4 | Sanyo Semicon Device |
| SUT509EF | NPN/PNP Epitaxial Planar Silicon Transistor | 1 2 3 4 5 | AUK corp |
| BUV11 | 20 AMPERES NPN SILICON POWER METAL TRANSISTOR 200 VOLTS 150 WATTS | 1 2 3 4 | Motorola, Inc |
| 2N4123 | NPN EPITAXIAL SILICON TRANSISTOR | 1 | Samsung semiconductor |
| MJ10041 | NPN SILICON POWER DARLINGTON TRANSISTOR | 1 2 3 4 5 More | Motorola, Inc |
Datasheet Page |
1 2 3 |
Link URL |
|
|