Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZX30-17-5 Datasheet (PDF) - Mini-Circuits

ZX30-17-5 Datasheet PDF - Mini-Circuits
Part # ZX30-17-5
Download  ZX30-17-5 Download

File Size   66.72 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 50??5 to 2000 MHz

ZX30-17-5 Datasheet (PDF)

Go To PDF Page Download Datasheet
ZX30-17-5 Datasheet PDF - Mini-Circuits

Part # ZX30-17-5
Download  ZX30-17-5 Click to download

File Size   66.72 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Directional Coupler 50??5 to 2000 MHz

ZX30-17-5 Datasheet (HTML) - Mini-Circuits

ZX30-17-5 Datasheet HTML 1Page - Mini-Circuits

ZX30-17-5 Product details

Features
• very flat coupling
• very broad, multi-octave
• all welded construction
• protected by U.S. Patent 6140887 & 6784531

Applications
• cable tv
• instrumentation
• communication receivers & transmitters
• gps




Similar Part No. - ZX30-17-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZX30-12-4 MINI-ZX30-12-4 Datasheet
242Kb / 1P
   Directional Coupler
ZX30-12-4++ MINI-ZX30-12-4+ Datasheet
242Kb / 1P
   Directional Coupler
ZX30-12-4-S++ MINI-ZX30-12-4-S+ Datasheet
242Kb / 1P
   Directional Coupler
ZX30-13-4 MINI-ZX30-13-4 Datasheet
246Kb / 1P
   Directional Coupler
ZX30-13-4++ MINI-ZX30-13-4+ Datasheet
246Kb / 1P
   Directional Coupler
More results


Similar Description - ZX30-17-5

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
TCD-9-1W MINI-TCD-9-1W Datasheet
285Kb / 1P
   Directional Coupler 50廓 5 to 2000 MHz
ZNDC-13-2G MINI-ZNDC-13-2G Datasheet
166Kb / 1P
   Directional Coupler 50??13dB 800 to 2000 MHz
ZNDC-15-2G MINI-ZNDC-15-2G Datasheet
167Kb / 1P
   Directional Coupler 50??15dB 800 to 2000 MHz
ZNDC-18-2G MINI-ZNDC-18-2G Datasheet
166Kb / 1P
   Directional Coupler 50??18dB 800 to 2000 MHz
TCD-9-1W-75 MINI-TCD-9-1W-75 Datasheet
282Kb / 1P
   Directional Coupler 75廓 5 to 2000 MHz
ZNDC-20-2G MINI-ZNDC-20-2G Datasheet
109Kb / 1P
   Directional Coupler 50??20dB 800 to 2000 MHz
ZNDC-23-2G MINI-ZNDC-23-2G Datasheet
109Kb / 1P
   Directional Coupler 50??23dB 800 to 2000 MHz
ADC-20-4 MINI-ADC-20-4 Datasheet
240Kb / 1P
   Directional Coupler 50廓 5 to 1000 MHz
ADC-6-1R MINI-ADC-6-1R Datasheet
255Kb / 1P
   Directional Coupler 50廓 5 to 200 MHz
ADC-10-1R MINI-ADC-10-1R Datasheet
254Kb / 1P
   Directional Coupler 50廓 5 to 900 MHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com