Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

ZSWA-4-30DR Datasheet (PDF) - Mini-Circuits

ZSWA-4-30DR Datasheet PDF - Mini-Circuits
Part # ZSWA-4-30DR
Download  ZSWA-4-30DR Download

File Size   66.61 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Switch High Isolation, SP4T, 50??DC to 3 GHz

ZSWA-4-30DR Datasheet (PDF)

Go To PDF Page Download Datasheet
ZSWA-4-30DR Datasheet PDF - Mini-Circuits

Part # ZSWA-4-30DR
Download  ZSWA-4-30DR Click to download

File Size   66.61 Kbytes
Page   1 Pages
Manufacturer  MINI [Mini-Circuits]
Direct Link  http://www.minicircuits.com
Logo MINI - Mini-Circuits
Description Switch High Isolation, SP4T, 50??DC to 3 GHz

ZSWA-4-30DR Datasheet (HTML) - Mini-Circuits

ZSWA-4-30DR Datasheet HTML 1Page - Mini-Circuits

ZSWA-4-30DR Product details

Switch
High Isolation, SP4T, 50Ω DC to 3 GHz

Features
● high isolation, 37 dB typ @ 2 GHz
● integral TTL driver

Applications
● transmitter/ receiver isolation
● automated switching networks
● cellular
● PCN




Similar Part No. - ZSWA-4-30DR

ManufacturerPart #DatasheetDescription
logo
Mini-Circuits
ZSWA-4-30DR MINI-ZSWA-4-30DR Datasheet
72Kb / 2P
   SWITCHES GAAS SP4T WITH TTL Drivers DC to 3 GHz
More results


Similar Description - ZSWA-4-30DR

ManufacturerPart #DatasheetDescription
logo
Skyworks Solutions Inc.
SKY13524-639LF SKYWORKS-SKY13524-639LF Datasheet
535Kb / 10P
   0.7 to 3.0 GHz High Isolation SP4T Switch
logo
Tyco Electronics
MASW-007813 MACOM-MASW-007813 Datasheet
98Kb / 4P
   GaAs SP4T High Power Switch DC - 3 GHz
logo
M/A-COM Technology Solu...
MASW-007813 MA-COM-MASW-007813 Datasheet
112Kb / 4P
   GaAs SP4T High Power Switch DC - 3 GHz
logo
Tyco Electronics
SW15-0314 MACOM-SW15-0314 Datasheet
228Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
SW-314 MACOM-SW-314 Datasheet
229Kb / 3P
   GaAs SP4T Absorptive Switch, DC - 3 GHz
logo
List of Unclassifed Man...
MASW-010350 ETC1-MASW-010350 Datasheet
200Kb / 7P
   SP4T High Isolation Terminated Switch 0.01 - 4.0 GHz
logo
Tyco Electronics
MASWSS0020 MACOM-MASWSS0020 Datasheet
261Kb / 5P
   GaAs SP4T 2.5V High Power Switch DC - 3 GHz
logo
Skyworks Solutions Inc.
SKY13384-350LF SKYWORKS-SKY13384-350LF Datasheet
989Kb / 12P
   0.02 to 4.0 GHz High Isolation SP4T Absorptive Switch with Decoder
logo
M/A-COM Technology Solu...
MASW-010350 MA-COM-MASW-010350 Datasheet
193Kb / 6P
   SP4T High Isolation Terminated Switch
logo
Pasternack Enterprises,...
PE71S6139 PASTERNACK-PE71S6139 Datasheet
446Kb / 6P
   SP4T Electromechanical Relay Switch DC to 40 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com