|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
HFCN-880D - Ceramic High Pass Filter 1060 to 3200 MHz - Mini-Circuits |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| HFCN-1910 | Ceramic High Pass Filter 2200 to 5200 MHz | 1 | Mini-Circuits |
| HFCN-2000 | Ceramic High Pass Filter 2410 to 6250 MHz | 1 | Mini-Circuits |
| HFCN-2100 | Ceramic High Pass Filter 2500 to 6000 MHz | 1 | Mini-Circuits |
| HFCN-2275 | Ceramic High Pass Filter 2640 to 7000 MHz | 1 | Mini-Circuits |
| HFCN-2700 | Ceramic High Pass Filter 3150 to 7550 MHz | 1 | Mini-Circuits |
| HFTC-9R5 | Ceramic High Pass Filter 1300 to 3500 MHz | 1 | Mini-Circuits |
| HFTC-16 | Ceramic High Pass Filter 1900 to 2700 MHz | 1 | Mini-Circuits |
| HFCN-650 | Ceramic High Pass Filter 850 to 2490 MHz | 1 | Mini-Circuits |
| HFTC-19 | Ceramic High Pass Filter 2300 to 5500 MHz | 1 | Mini-Circuits |
| HFCN-740 | Ceramic High Pass Filter 900 to 2800 MHz | 1 | Mini-Circuits |
Datasheet Page |
1 |
Link URL |
|
|