Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      LPC2210(9)    LPC2212(15)    LPC2214(12)

Featured Products and Offers


Datasheet

    LPC2212 - 16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface - NXP Semiconductors

Page

 
Part No. LPC2212
Description  16/32-bit ARM microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and external memory interface
Download  LPC2212 Click to view
File Size   185.13 Kbytes / 40 Pages
Maker  PHILIPS [NXP Semiconductors]
Homepage  http://www.nxp.com/
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
LPC229216/32-bit ARM microcontrollers 256 kB ISP/IAP Flash with CAN 10-bit ADC and external memory interface 1 2 3 4 5 MoreNXP Semiconductors
LPC222016/32-bit ARM microcontrollers; flashless with 64 kB with 10-bit ADC and external memory interface 1 2 3 4 5 MoreNXP Semiconductors
LPC221016/32-bit ARM microcontroller with 10-bit ADC and external memory interface 1 2 3 4 5 MoreNXP Semiconductors
LPC229016/32-bit ARM microcontrollers with CAN 10-bit ADC and external memory interface 1 2 3 4 5 MoreNXP Semiconductors
LPC288016/32-bit ARM microcontrollers; 8 kB cache up to 1 MB flash Hi-Speed USB 2.0 device and SDRAM memory interface 1 2 3 4 5 MoreNXP Semiconductors
LPC2141Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP USB 2.0 full-speed device 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
LPC2131Single-chip 16/32-bit microcontrollers; 32/64/512 kB ISP/IAP Flash with 10-bit ADC and DAC 1 2 3 4 5 MoreNXP Semiconductors
LPC2364Single-chip 16-bit/32-bit microcontrollers; up to 512 kB flash with ISP/IAP Ethernet USB 2.0 CAN and 10-bit ADC/DAC 1 2 3 4 5 MoreNXP Semiconductors
LPC2119Single-chip 16/32-bit microcontrollers; 128/256 kB ISP/IAP Flash with 10-bit ADC and CAN 1 2 3 4 5 MoreNXP Semiconductors
LPC2101Single-chip 16-bit/32-bit microcontrollers; 8 kB/16 kB/32 kB flash with ISP/IAP fast ports and 10-bit ADC 1 2 3 4 5 MoreNXP Semiconductors

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40


Link URL

Related keyword

  LPC2212 Datasheet   LPC2212 Cross Reference   LPC2212 Schematic   LPC2212 Distributor   LPC2212 Datenblatt   LPC2212 RoHS
  LPC2212 Equivalent   LPC2212 Application Notes   LPC2212 Data Sheet   LPC2212 component   LPC2212 Fiche Technique   LPC2212 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl