|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
FDZ7064S - 30V N-Channel PowerTrench SyncFET BGA MOSFET - Fairchild Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| FDZ7064AS | 30V N-Channel PowerTrench SyncFET BGA MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDZ7296 | 30V N-Channel PowerTrench BGA MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDZ5047N | 30V N-Channel Logic Level PowerTrench BGA MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDZ7064N | 30V N-Channel Logic Level PowerTrench BGA MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDR6674A | 30V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS7066N3 | 30V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDC6432SH | 12V P-Channel PowerTrench MOSFET 30V PowerTrench SyncFET | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDS8670 | 30V N-Channel PowerTrench MOSFET | 1 2 3 4 5 | Fairchild Semiconductor |
| FDS9412A | N-Channel PowerTrench MOSFET 30V 8A 21mOhm | 1 2 3 4 5 More | Fairchild Semiconductor |
| FDR6678A | 30V N-Channel PowerTrench MOSFET | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|