|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
B432 - 1.25V Adjustable Shunt Regulator - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AZ432 | LOW VOLTAGE 1.25V ADJUSTABLE PRECISION SHUNT REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| ZR431 | ADJUSTABLE PRECISION ZENER SHUNT REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
| SC431 | ADJUSTABLE SHUNT REGULATOR | 1 2 3 4 5 More | Semtech Corporation |
| ZR2431 | ADJUSTABLE PRECISION ZENER SHUNT REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
| TLV431A | Low Voltage Precision Adjustable Shunt Regulator | 1 2 3 4 5 More | ON Semiconductor |
| WSL432 | Adjustable Precision Shunt Regulator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| CP431 | Adjustable Precision shunt Regulator | 1 2 3 4 5 More | Ceramate Technical |
| UTCLM317L | LOW CURRENT 1.25V TO 37V ADJUSTABLE VOLTAGE REGULATOR | 1 2 3 4 5 | Unisonic Technologies |
| NJM2380 | ADJUSTABLE HIGH PRECISION SHUNT REGULATOR | 1 2 3 4 5 | New Japan Radio |
| ZR431L | ADJUSTABLE PRECISION ZENER SHUNT REGULATOR | 1 2 3 4 5 More | Zetex Semiconductors |
Datasheet Page |
1 2 3 4 5 |
Link URL |
|
|