|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
A-4880EG - 1.5 INCH, 8 X 8 DOT MATRIX DISPLAY (MULTI-COLOR) - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TA15-11EWA | 38mm 1.5 INCH 8x8 DOT MATRIX DISPLAY | 1 2 3 4 | Kingbright Corporation |
| GMA3688C | 1.5 INCH 37.9mm 8 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| GMA3688C | 1.5 INCH 37.9mm 8X8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 | QT Optoelectronics |
| C-5880EG | 2.3 INCH 8 X 8 DOT MATRIX DISPLAY MULTI-COLOR | 1 | List of Unclassifed Manufacturers |
| C-4880X | 1.5 INCH 8 X8 DOT MATRIX DISPLAY | 1 | List of Unclassifed Manufacturers |
| UVP-2057A | 2.0 inch 50.80mm 5X7 DOT MATRIX LED DISPLAY UVP-2X57A SERIES | 1 2 3 4 5 | Unity Opto Technology |
| GMA2688C | 2.3 INCH 58.4 mm 8 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
| TBC23-12EGWA | 58mm 2.3 INCH 8x8 DOT MATRIX DISPLAY | 1 2 3 4 5 | Kingbright Corporation |
| UVP-2688 | 1.85 inch 47.0mm 8X8 DOT MATRIX LED DISPLAY | 1 2 3 4 5 | Unity Opto Technology |
| GMA46881C | 1.85 INCH 47.0mm 8 X 8 DOT MATRIX STICK DISPLAY | 1 2 3 4 5 More | Fairchild Semiconductor |
Datasheet Page |
1 |
Link URL |
|
|