Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

WSD521S-40 Datasheet (PDF) - Weitron Technology

WSD521S-40 Datasheet PDF - Weitron Technology
Part # WSD521S-40
Download  WSD521S-40 Download

File Size   195.12 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS

WSD521S-40 Datasheet (PDF)

Go To PDF Page Download Datasheet
WSD521S-40 Datasheet PDF - Weitron Technology

Part # WSD521S-40
Download  WSD521S-40 Click to download

File Size   195.12 Kbytes
Page   3 Pages
Manufacturer  WEITRON [Weitron Technology]
Direct Link  http://www.weitron.com.tw
Logo WEITRON - Weitron Technology
Description SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS

WSD521S-40 Datasheet (HTML) - Weitron Technology

WSD521S-40 Datasheet HTML 1Page - Weitron Technology WSD521S-40 Datasheet HTML 2Page - Weitron Technology WSD521S-40 Datasheet HTML 3Page - Weitron Technology



Similar Part No. - WSD521S-40

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD521S WEITRON-WSD521S Datasheet
510Kb / 4P
   Surface Mount Schottky Barrier Diodes
WSD521S WEITRON-WSD521S Datasheet
513Kb / 4P
   Surface Mount Schottky Barrier Diodes
More results


Similar Description - WSD521S-40

ManufacturerPart #DatasheetDescription
logo
Weitron Technology
WSD520BS-40 WEITRON-WSD520BS-40 Datasheet
1Mb / 4P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD521BS-40 WEITRON-WSD521BS-40 Datasheet
688Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 40 VOLTS
WSD520BS WEITRON-WSD520BS Datasheet
675Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 200m AMPERES 30 VOLTS
WSD751BS WEITRON-WSD751BS Datasheet
782Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 30m AMPERES 40 VOLTS
logo
List of Unclassifed Man...
WSD551H ETC1-WSD551H Datasheet
250Kb / 1P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
logo
Weitron Technology
WSD551BS WEITRON-WSD551BS Datasheet
698Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 500m AMPERES 30 VOLTS
WSD521BS WEITRON-WSD521BS Datasheet
669Kb / 3P
   SMALL SIGNAL SCHOTTKY DIODES 100m AMPERES 30 VOLTS
1N60 WEITRON-1N60 Datasheet
239Kb / 2P
   Schottky Barrier Diodes SMALL SIGNAL SCHOTTKY DIODES 30m/50m AMPERES 40/45VOLTS
logo
Micro Commercial Compon...
SD103AX MCC-SD103AX_13 Datasheet
331Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
SD103AX MCC-SD103AX Datasheet
297Kb / 3P
   200mW Small Signal Schottky Diode 40 Volts
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com