Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      NBSG16MMN(6)

Featured Products and Offers


Datasheet

    NBSG16MMN - 2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer - ON Semiconductor

Page

 
Part No. NBSG16MMN
Description  2.5V/3.3V Multilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer
Download  NBSG16MMN Click to view
File Size   81.3 Kbytes / 12 Pages
Maker  ONSEMI [ON Semiconductor]
Homepage  http://www.onsemi.com
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
NB4L16M2.5V/3.3V 5 Gb/s Multi Level Clock/Data Input to CML Driver / Receiver / Buffer / Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
NBSG16M_062.5 V/3.3 VMultilevel Input to CML Clock/Data Receiver/Driver/Translator Buffer 1 2 3 4 5 MoreON Semiconductor
NB6L16_072.5V / 3.3V Multilevel Input to Differential LVPECL/LVNECL Clock or Data Receiver/ Driver/Translator Buffer 1 2 3 4 5 MoreON Semiconductor
SY58603U4.25Gbps Precision CML Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
NB4L858M2.5V/3.3V 3 GHz Dual Differential Clock/Data 2x2 Crosspoint Switch with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB7L11M2.5V/3.3V Differential 1:2 Clock/Data Fanout Buffer/ Translator with CML Outputs and Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58606U4.25Gbps Precision 1:2 CML Fanout Buffer with Internal Termination and Fail Safe Input 1 2 3 4 5 MoreMicrel Semiconductor
NB7L86M2.5V/3.3V 12 Gb/s Differential Clock/Data SmartGate with CML Output and Internal Termination 1 2 3 4 5 MoreON Semiconductor
NB7L2162.5V/3.3V 12Gb/s Multi Level Clock/Data Input to RSECL High Gain Receiver/Buffer/Translator with Internal Termination 1 2 3 4 5 MoreON Semiconductor
SY58034U6GHz 1:6 CML FANOUT BUFFER WITH 2:1 MUX INPUT AND INTERNAL I/O TERMINATION 1 2 3 4 5 MoreMicrel Semiconductor

Datasheet Page

1 2 3 4 5 6 7 8 9 10 11 12


Link URL

Related keyword

  NBSG16MMN Datasheet   NBSG16MMN Cross Reference   NBSG16MMN Schematic   NBSG16MMN Distributor   NBSG16MMN Datenblatt   NBSG16MMN RoHS
  NBSG16MMN Equivalent   NBSG16MMN Application Notes   NBSG16MMN Data Sheet   NBSG16MMN component   NBSG16MMN Fiche Technique   NBSG16MMN Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl