|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LP3882 - 1.5A Fast-Response Ultra Low Dropout Linear - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LP3892 | 1.5A Fast-Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| AZ39150 | 1.5A ULTRA LOW DROPOUT LINEAR REGULATOR | 1 2 3 4 5 More | BCD Semiconductor Manufacturing Limited |
| LP3875-ADJ | 1.5A Fast Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3881 | 0.8A Fast-Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3852 | 1.5A Fast Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
| LP3891 | 0.8A Fast-Response Ultra Low Dropout Linear | 1 2 3 4 5 More | National Semiconductor |
| LP38842-ADJ | 1.5A Ultra Low Dropout Adjustable Linear Regulators Stable with Ceramic Output Capacitors | 1 2 3 4 5 More | National Semiconductor |
| LP3893 | 3A Fast-Response Ultra Low Dropout Linear Regulators | 1 2 3 4 5 More | National Semiconductor |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|