Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

CATTEN-06R0-BNC Datasheet (PDF) - CRYSTEK CORPORATION

CATTEN-06R0-BNC Datasheet PDF - CRYSTEK CORPORATION
Part # CATTEN-06R0-BNC
Download  CATTEN-06R0-BNC Download

File Size   403.93 Kbytes
Page   2 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description Attenuator frequency range is from DC to 1 GHz.

CATTEN-06R0-BNC Datasheet (PDF)

Go To PDF Page Download Datasheet
CATTEN-06R0-BNC Datasheet PDF - CRYSTEK CORPORATION

Part # CATTEN-06R0-BNC
Download  CATTEN-06R0-BNC Click to download

File Size   403.93 Kbytes
Page   2 Pages
Manufacturer  CRYSTEKMICROWAVE [CRYSTEK CORPORATION]
Direct Link  http://www.crystek.com/microwave/index.php
Logo CRYSTEKMICROWAVE - CRYSTEK CORPORATION
Description Attenuator frequency range is from DC to 1 GHz.

CATTEN-06R0-BNC Datasheet (HTML) - CRYSTEK CORPORATION

CATTEN-06R0-BNC Datasheet HTML 1Page - CRYSTEK CORPORATION CATTEN-06R0-BNC Datasheet HTML 2Page - CRYSTEK CORPORATION



Similar Part No. - CATTEN-06R0-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-06R0-BNC CRYSTEKMICROWAVE-CATTEN-06R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-06R0-BNC CRYSTEKMICROWAVE-CATTEN-06R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-06R0-BNC CRYSTEKMICROWAVE-CATTEN-06R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-06R0-BNC CRYSTEKMICROWAVE-CATTEN-06R0-BNC Datasheet
403Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
CATTEN-06R0-BNC CRYSTEKMICROWAVE-CATTEN-06R0-BNC Datasheet
402Kb / 2P
   The Attenuator offers end users a rugged BNC attenuator housing for easy connection
More results


Similar Description - CATTEN-06R0-BNC

ManufacturerPart #DatasheetDescription
logo
CRYSTEK CORPORATION
CATTEN-09R0-BNC CRYSTEKMICROWAVE-CATTEN-09R0-BNC Datasheet
403Kb / 2P
   Attenuator frequency range is from DC to 1 GHz.
logo
AVAGO TECHNOLOGIES LIMI...
AMGP-6552 AVAGO-AMGP-6552 Datasheet
151Kb / 8P
   IF frequency range from DC to 3 GHz
AMGP-6551 AVAGO-AMGP-6551 Datasheet
639Kb / 8P
   IF frequency range from DC to 3 GHz
logo
Pasternack Enterprises,...
PE7058-1 PASTERNACK-PE7058-1 Datasheet
96Kb / 1P
   THREE STAGE BENCH MOUNT ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 1 GHz
PE7031-1 PASTERNACK-PE7031-1 Datasheet
89Kb / 1P
   N ATTENUATOR MALE, TO FEMALE 300 WATT, FREQUENCY RANGE: DC TO 1 GHz
PE15A1019 PASTERNACK-PE15A1019 Datasheet
545Kb / 5P
   1 GHz to 2 GHz Frequency Range
PE6142-75 PASTERNACK-PE6142-75 Datasheet
78Kb / 1P
   TNC FEEDTHRU TERMINATION FREQUENCY RANGE: DC TO 1 GHz
PE15A3001 PASTERNACK-PE15A3001 Datasheet
455Kb / 5P
   DC to 10 GHz Frequency Range
PE15A3004 PASTERNACK-PE15A3004 Datasheet
473Kb / 5P
   DC to 6 GHz Frequency Range
PE7033 PASTERNACK-PE7033 Datasheet
88Kb / 1P
   TWO STAGE BENCH ROTARY ATTENUATOR FREQUENCY RANGE: DC TO 2 GHz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com