![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
XC6201P422TR - Positive Voltage Regulators - Torex Semiconductor |
|
Click Here View XC6201P422TR Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| LD1117 | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | STMicroelectronics |
| LM7812A | 3-TERMINAL 1A POSITIVE VOLTAGE REGULATORS | Fairchild Semiconductor |
| UTCLD1117A | LOW DROP FIXED AND ADJUSTABLE POSITIVE VOLTAGE REGULATORS | Unisonic Technologies |
| IL33269 | LOW DROPOUT POSITIVE FIXED AND ADJUSTABLE VOLTAGE REGULATORS | Integral Corp. |
| GM78L00 | 100 mA POSITIVE VOLTAGE REGULATORS | ETC |
| AN78M00 | 3-pin Positive Output Voltage Regulators 500mA Type | Panasonic Semiconductor |
| LM123 | THREE-TERMINAL 3A-5V POSITIVE VOLTAGE REGULATORS | STMicroelectronics |
| L78XX | POSITIVE VOLTAGE REGULATORS | STMicroelectronics |
| L78M00 | POSITIVE VOLTAGE REGULATORS | STMicroelectronics |
Link URL |
|
|
Related keyword |
| XC6201P422TR Datasheet | XC6201P422TR Cross Reference | XC6201P422TR Schematic | XC6201P422TR Distributor | XC6201P422TR Datenblatt | XC6201P422TR RoHS |
| XC6201P422TR Equivalent | XC6201P422TR Application Notes | XC6201P422TR Data Sheet | XC6201P422TR component | XC6201P422TR Fiche Technique | XC6201P422TR Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |