Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

AK8812 Datasheet (PDF) - Asahi Kasei Microsystems

AK8812 Datasheet PDF - Asahi Kasei Microsystems
Part # AK8812
Download  AK8812 Download

File Size   377.27 Kbytes
Page   36 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description NTSC/PAL Digital Video Encoder

AK8812 Datasheet (PDF)

Go To PDF Page Download Datasheet
AK8812 Datasheet PDF - Asahi Kasei Microsystems

Part # AK8812
Download  AK8812 Click to download

File Size   377.27 Kbytes
Page   36 Pages
Manufacturer  AKM [Asahi Kasei Microsystems]
Direct Link  http://www.akm.com
Logo AKM - Asahi Kasei Microsystems
Description NTSC/PAL Digital Video Encoder

AK8812 Datasheet (HTML) - Asahi Kasei Microsystems

Back Button AK8812 Datasheet HTML 1Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 2Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 3Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 4Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 5Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 6Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 7Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 8Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 9Page - Asahi Kasei Microsystems AK8812 Datasheet HTML 10Page - Asahi Kasei Microsystems Next Button 

AK8812 Product details

GENERAL DESCRIPTION
The AK8811 and AK8812 are low voltage, low power and small packaged Digital Video Encoder. They are suitable for a portable DVD or VCD player. They convert ITU-R.BT601/656 standard 8- bit parallel data into analog composite video, S-Video or analog component signals Y/Cb/Cr in NTSC and PAL formats.

FEATURES
• NTSC-M, PAL-B,D,G,H,I,M,N encoding.
• Simultaneous composite video signal and S-video signal outputs
• Y/Cb/Cr Component output (Based on EIAJ Guideline)
• CCIR-656 4:2:2 8-bit Parallel Input
    - EAV Decoding
• Master/Slave Operation
    - Digital Field Sync I/O
    - Digital Vertical/Horizontal Sync I/O
• Y filtering 2 x over-sampling
• C filtering 4 x over-sampling
• Single 27MHz Clock (The polarity could be inverted by SYSINV pin)
• Triple 10-bit DACs
• I2C Interface (400kHz)
• Closed Caption encoding (NTSC: line 21,284-SMPTE PAL: line 21,334-CCIR)
• Macrovision Copy Protection Rev. 7.1* (Only for AK8812)
• VBID, CGMS(EIAJ CPR-1024)
• On-chip Color bar generator
• Low Power Consumption
• 3.3V only, CMOS Monolithic
• 48pin LQFP Package




Similar Part No. - AK8812

ManufacturerPart #DatasheetDescription
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8813 AKM-AK8813 Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
AK8813P AKM-AK8813P Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
AK8813VG AKM-AK8813VG Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
AK8813VGP AKM-AK8813VGP Datasheet
422Kb / 51P
   NTSC/PAL Digital Video Encoder
More results


Similar Description - AK8812

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7171KSUZ AD-ADV7171KSUZ Datasheet
865Kb / 64P
   Digital PAL/NTSC Video Encoder
REV. C
logo
Zarlink Semiconductor I...
VP536E ZARLINK-VP536E Datasheet
313Kb / 14P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7654 OKI-MSM7654 Datasheet
388Kb / 53P
   NTSC/PAL Digital Video Encoder
logo
Zarlink Semiconductor I...
VP531 ZARLINK-VP531 Datasheet
279Kb / 17P
   NTSC/PAL Digital Video Encoder
logo
Cirrus Logic
CS4954 CIRRUS-CS4954 Datasheet
937Kb / 56P
   NTSC/PAL Digital Video Encoder
logo
Mitel Networks Corporat...
VP5311B MITEL-VP5311B Datasheet
269Kb / 19P
   NTSC/PAL Digital Video Encoder
VP5313 MITEL-VP5313 Datasheet
160Kb / 19P
   NTSC/PAL Digital Video Encoder
logo
OKI electronic componet...
MSM7652 OKI-MSM7652 Datasheet
307Kb / 36P
   NTSC/PAL Digital Video Encoder
logo
Asahi Kasei Microsystem...
AK8811 AKM-AK8811_12 Datasheet
382Kb / 36P
   NTSC/PAL Digital Video Encoder
AK8817 AKM-AK8817 Datasheet
800Kb / 43P
   NTSC/PAL Digital Video Encoder
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com