|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
U2794B - 1000 MHZ QUADRATURE DEMODULATOR - ATMEL Corporation |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| U2794B | 1000 MHz Quadrature Demodulator | 1 2 3 4 5 More | TEMIC Semiconductors |
| U2791B | 1000 MHz Quadrature Demodulator | 1 2 3 4 5 More | TEMIC Semiconductors |
| STQ-1016 | 250 - 1000 MHz Direct Quadrature Modulator | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| SRQ-2116Z | 700-3800 MHz Direct Quadrature Demodulator | 1 2 3 4 5 More | SIRENZA MICRODEVICES |
| SKY73009 | 400 -3000 MHz Direct Quadrature Demodulator | 1 2 3 4 5 More | Skyworks Solutions Inc. |
| JH-140 | High-Frequency Quadrature Hybrid 500 - 1000 MHz | 1 2 | Tyco Electronics |
| AD8348 | 50-1000 MHz Quadrature Demodulator | 1 2 3 4 5 More | Analog Devices |
| A66-1 | 10 TO 1000 MHz CASCADABLE AMPLIFIER | 1 | Tyco Electronics |
| CH35-0008-S | 20 dB Directional Coupler 5 - 1000 MHz | 1 | Tyco Electronics |
| EMDC-10-1-75 | E-Series Coupler 5 - 1000 MHz | 1 | Tyco Electronics |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 |
Link URL |
|
|