|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
TS3431 - 1.24V Programmable Shunt Voltage Reference - STMicroelectronics |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| TS432 | 1.24V ADJUSTABLE SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | STMicroelectronics |
| SPX4041 | Precision Micropower 1.24V Shunt Voltage Reference | 1 2 3 4 5 More | Sipex Corporation |
| TS2431 | PROGRAMMABLE SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | STMicroelectronics |
| SL432XSF | Programmable Voltage Reference | 1 2 3 4 5 | AUK corp |
| LM4051 | Precision Micropower Shunt Voltage Reference | 1 2 3 4 5 More | National Semiconductor |
| LM4040 | PRECISION MICROPOWER SHUNT VOLTAGE REFERENCE | 1 2 3 4 5 More | Texas Instruments |
| AD584 | Pin Programmable Precision Voltage Reference | 1 2 3 4 5 More | Analog Devices |
| TC1031 | Linear Building Block . Low Power Voltage Reference with Programmable Hysteresis Comparator and Shutdown | 1 2 3 4 5 More | Microchip Technology |
| SLF431XSF | Programmable Voltage Reference | 1 2 3 4 | AUK corp |
| MAX6006 | 1μA SOT23 Precision Shunt Voltage Reference | 1 2 3 4 5 More | Maxim Integrated Products |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 |
Link URL |
|
|