|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SL6310C - 500mW SWITCHABLE AUDIO AMPLIFIER/OP AMP - Zarlink Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| NTE1375 | Integrated Circuit Audio Power Amp for Car Radio 5.8W | 1 2 | NTE Electronics |
| NTE157 | Silicon NPN Transistor Audio Power Amp High Voltage Converter Compl to NTE39 | 1 2 | NTE Electronics |
| S1A2206D01 | 4.6W AUDIO POWER AMP | 1 2 3 4 5 More | Samsung semiconductor |
| HA12173 | Audio Signal Processor for Car Deck and Cassette Deck Dolby B/C-type NR with PB Amp | 1 2 3 4 5 More | Hitachi Semiconductor |
| LT1115 | Ultra-Low Noise Low Distortion Audio Op Amp | 1 2 3 4 5 More | Linear Technology |
| NTE1465 | Integrated Circuit Audio Power Amplifier 500mW | 1 2 | NTE Electronics |
| NTE1383 | Integrated Circuit Dual Audio Power Amp 5.1W/Ch 10.5W BTL | 1 2 3 | NTE Electronics |
| NTE825 | Integrated Circuit Battery Operated Audio Amp | 1 2 3 | NTE Electronics |
| HA12179F | Audio Signal Processer for Car Deck and Cassette Deck Dolby B-type NR with PB Amp | 1 2 3 4 5 More | Hitachi Semiconductor |
| OPA1632 | High-Perfomance Fully-Differential AUDIO OP AMP | 1 2 3 4 5 More | Texas Instruments |
Datasheet Page |
1 2 3 4 |
Link URL |
|
|