Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

TPSBU61-403-2 Datasheet (PDF) - Total Power International

TPSBU61-403-2 Datasheet PDF - Total Power International
Part # TPSBU61-403-2
Download  TPSBU61-403-2 Download

File Size   270.26 Kbytes
Page   2 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz

TPSBU61-403-2 Datasheet (PDF)

Go To PDF Page Download Datasheet
TPSBU61-403-2 Datasheet PDF - Total Power International

Part # TPSBU61-403-2
Download  TPSBU61-403-2 Click to download

File Size   270.26 Kbytes
Page   2 Pages
Manufacturer  TOTAL-POWER [Total Power International]
Direct Link  http://www.total-power.com
Logo TOTAL-POWER - Total Power International
Description Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz

TPSBU61-403-2 Datasheet (HTML) - Total Power International

TPSBU61-403-2 Datasheet HTML 1Page - Total Power International TPSBU61-403-2 Datasheet HTML 2Page - Total Power International



Similar Part No. - TPSBU61-403-2

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSBU-100 TOTAL-POWER-TPSBU-100 Datasheet
294Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPSBU-101 TOTAL-POWER-TPSBU-101 Datasheet
300Kb / 2P
   100W Open Frame Type I.T.E. Power Supplies
TPSBU-120 TOTAL-POWER-TPSBU-120 Datasheet
268Kb / 2P
   120W Open Frame Type I.T.E. Power Supplies
TPSBU-150 TOTAL-POWER-TPSBU-150 Datasheet
304Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
TPSBU-151 TOTAL-POWER-TPSBU-151 Datasheet
285Kb / 2P
   150W Open Frame Type I.T.E. Power Supplies
More results


Similar Description - TPSBU61-403-2

ManufacturerPart #DatasheetDescription
logo
Total Power Internation...
TPSBU-60 TOTAL-POWER-TPSBU-60 Datasheet
302Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-58 TOTAL-POWER-TPSBU-58 Datasheet
251Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIBU-41 TOTAL-POWER-TPIBU-41 Datasheet
354Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-31 TOTAL-POWER-TPSBU-31 Datasheet
288Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPSBU-41 TOTAL-POWER-TPSBU-41 Datasheet
261Kb / 2P
   Wide Operating Voltage 90 to 264 VAC,47 to 63 Hz
TPIUU-80 TOTAL-POWER-TPIUU-80 Datasheet
273Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-81 TOTAL-POWER-TPIUU-81 Datasheet
267Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-150 TOTAL-POWER-TPIUU-150 Datasheet
276Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIBU-101 TOTAL-POWER-TPIBU-101 Datasheet
284Kb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
TPIUU-120 TOTAL-POWER-TPIUU-120 Datasheet
1Mb / 2P
   Wide Operating Voltage 90 to 260 VAC,47 to 63 Hz
More results



Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com