|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
L819 - 10MM BI-POLAR AND BI COLOR INDICATOR LAMPS - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| L59 | T-1 3/3 5MM BI-POLAR AND BI-COLOR INDICATOR LAMPS | 1 2 3 4 5 More | Kingbright Corporation |
| L115VEGW | T-A BI COLOR INDICATOR LAMPS | 1 2 3 4 | List of Unclassifed Manufacturers |
| LF819EMBGMBC | 10mm FULL COLOR RGB LAMPS | 1 2 3 | Kingbright Corporation |
| L119EGW | 2 X 5 MM BI - COLOR INDICATOR LAMPS | 1 2 3 4 | Kingbright Corporation |
| L469EGW | T-1 BI COLOR INDICATOR LAMPS | 1 2 3 4 5 | Kingbright Corporation |
| L-813SRC | 10mm SUPER BRIGHT BIG LAMPS | 1 2 3 | Kingbright Corporation |
| DRV103 | PWM LOW-SIDE DRIVER 1.5A and 3A for Solenoids Coils Valves Heaters and Lamps | 1 2 3 4 5 More | Texas Instruments |
| L72CB-4SGNWA | RIGHT ANGLE RED/GREEN COLOR FOUR LED LAMPS | 1 | Micro Electronics |
| 209HGW | 3.0 MM MULTI COLOR ROUND TYPE LED LAMPS | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| AA3528 | 3.5 X 2.8 MM SINGLE COLOR SURFACE MOUNT LED LAMPS | 1 2 3 4 5 More | Kingbright Corporation |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|