Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-VSUD400CW60 Datasheet (PDF) - Vishay Siliconix

VS-VSUD400CW60 Datasheet PDF - Vishay Siliconix
Part # VS-VSUD400CW60
Download  VS-VSUD400CW60 Download

File Size   146.16 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FRED Pt® , Ultrafast Soft Recovery Diode Module, 400 A

VS-VSUD400CW60 Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-VSUD400CW60 Datasheet PDF - Vishay Siliconix

Part # VS-VSUD400CW60
Download  VS-VSUD400CW60 Click to download

File Size   146.16 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description FRED Pt® , Ultrafast Soft Recovery Diode Module, 400 A

VS-VSUD400CW60 Datasheet (HTML) - Vishay Siliconix

VS-VSUD400CW60 Datasheet HTML 1Page - Vishay Siliconix VS-VSUD400CW60 Datasheet HTML 2Page - Vishay Siliconix VS-VSUD400CW60 Datasheet HTML 3Page - Vishay Siliconix VS-VSUD400CW60 Datasheet HTML 4Page - Vishay Siliconix VS-VSUD400CW60 Datasheet HTML 5Page - Vishay Siliconix VS-VSUD400CW60 Datasheet HTML 6Page - Vishay Siliconix

VS-VSUD400CW60 Product details

• Ultrafast recovery
• UL approved file E222165
• Designed for industrial level




Similar Part No. - VS-VSUD400CW60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60 Datasheet
131Kb / 6P
   FRED Pt짰, Ultrafast Soft Recovery Diode Module, 400 A
01-Jan-2022
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60 Datasheet
131Kb / 6P
   FRED Pt® Ultrafast Soft Recovery Diode Module, 400 A
01-Jan-2023
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60_V01 Datasheet
131Kb / 6P
   FRED Pt짰, Ultrafast Soft Recovery Diode Module, 400 A
01-Jan-2022
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60_V02 Datasheet
131Kb / 6P
   FRED Pt® Ultrafast Soft Recovery Diode Module, 400 A
01-Jan-2023
More results


Similar Description - VS-VSUD400CW60

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-VSUD400CW60 VISHAY-VS-VSUD400CW60_V02 Datasheet
131Kb / 6P
   FRED Pt® Ultrafast Soft Recovery Diode Module, 400 A
01-Jan-2023
VS-VSUD410CW60 VISHAY-VS-VSUD410CW60_V02 Datasheet
123Kb / 7P
   FRED Pt® Ultrafast Soft Recovery Diode Module, 400 A
01-Jan-2023
VS-VSUD405CW60 VISHAY-VS-VSUD405CW60_V02 Datasheet
145Kb / 7P
   FRED Pt® Ultrafast Soft Recovery Diode, 400 A
01-Jan-2023
VS-VSUD405CW60 VISHAY-VS-VSUD405CW60 Datasheet
180Kb / 7P
   FRED Pt® Ultrafast Soft Recovery Diode, 400 A
Revision: 03-Nov-16
VS-VSUD410CW60 VISHAY-VS-VSUD410CW60_V01 Datasheet
123Kb / 7P
   FRED Pt®, Ultrafast Soft Recovery Diode Module, 400 AS
01-Jan-2022
VS-VSUD410CW60 VISHAY-VS-VSUD410CW60 Datasheet
123Kb / 7P
   FRED Pt, Ultrafast Soft Recovery Diode Module, 400 A
VS-VSUD360CW40 VISHAY-VS-VSUD360CW40_V02 Datasheet
132Kb / 6P
   FRED Pt® Ultrafast Soft Recovery Diode Module, 360 A
01-Jan-2023
VS-VSUD400CW20 VISHAY-VS-VSUD400CW20_V01 Datasheet
164Kb / 7P
   FRED Pt® Ultrafast Soft Recovery Diode Module, 480 A
01-Jan-2023
VS-VSUD400CW20 VISHAY-VS-VSUD400CW20 Datasheet
164Kb / 7P
   FRED Pt® Ultrafast Soft Recovery Diode Module, 480 A
01-Jan-2022
VS-80EBU02 VISHAY-VS-80EBU02 Datasheet
137Kb / 8P
   Ultrafast Soft Recovery Diode, 80 A FRED Pt®
Revision: 15-Jun-11
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com