Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

VS-FA38SA50LCP Datasheet (PDF) - Vishay Siliconix

VS-FA38SA50LCP Datasheet PDF - Vishay Siliconix
Part # VS-FA38SA50LCP
Download  VS-FA38SA50LCP Download

File Size   180.81 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 38 A

VS-FA38SA50LCP Datasheet (PDF)

Go To PDF Page Download Datasheet
VS-FA38SA50LCP Datasheet PDF - Vishay Siliconix

Part # VS-FA38SA50LCP
Download  VS-FA38SA50LCP Click to download

File Size   180.81 Kbytes
Page   9 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description Power MOSFET, 38 A

VS-FA38SA50LCP Datasheet (HTML) - Vishay Siliconix

VS-FA38SA50LCP Datasheet HTML 1Page - Vishay Siliconix VS-FA38SA50LCP Datasheet HTML 2Page - Vishay Siliconix VS-FA38SA50LCP Datasheet HTML 3Page - Vishay Siliconix VS-FA38SA50LCP Datasheet HTML 4Page - Vishay Siliconix VS-FA38SA50LCP Datasheet HTML 5Page - Vishay Siliconix VS-FA38SA50LCP Datasheet HTML 6Page - Vishay Siliconix VS-FA38SA50LCP Datasheet HTML 7Page - Vishay Siliconix VS-FA38SA50LCP Datasheet HTML 8Page - Vishay Siliconix VS-FA38SA50LCP Datasheet HTML 9Page - Vishay Siliconix

VS-FA38SA50LCP Product details

• Fully isolated package
• Easy to use and parallel
• Low on-resistance
• Dynamic dV/dt rating
• Fully avalanche rated
• Simple drive requirements
• Low drain to case capacitance
• Low internal inductance
• UL approved file E78996
• Designed for industrial level




Similar Part No. - VS-FA38SA50LCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP_V01 Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
More results


Similar Description - VS-FA38SA50LCP

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
FA38SA50LCP VISHAY-FA38SA50LCP Datasheet
200Kb / 9P
   Power MOSFET, 38 A
Revision: 11-May-10
VS-FA38SA50LCP VISHAY-VS-FA38SA50LCP_V01 Datasheet
180Kb / 9P
   Power MOSFET, 38 A
02-Oct-12
logo
ON Semiconductor
NTD5407N ONSEMI-NTD5407N Datasheet
72Kb / 6P
   Power MOSFET 40 V, 38 A, Single N?묬hannel, DPAK
October, 2005 ??Rev. 0
NTD5865N ONSEMI-NTD5865N Datasheet
113Kb / 7P
   N-Channel Power MOSFET 60 V, 38 A, 18 m
May, 2010 ??Rev. 0
NVMYS010N04CL ONSEMI-NVMYS010N04CL Datasheet
339Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 10.3 m, 38 A
July, 2019 ??Rev. 0
NVLJWD040N06CL ONSEMI-NVLJWD040N06CL Datasheet
138Kb / 7P
   MOSFET - Power, Dual N-Channel 60 V, 38 m, 18 A
July, 2022 - Rev. 1
NVTYS010N04C ONSEMI-NVTYS010N04C Datasheet
336Kb / 7P
   MOSFET ??Power, Single N-Channel 40 V, 12 m, 38 A
May, 2021 ??Rev. 0
NVMFS040N10MCL ONSEMI-NVMFS040N10MCL Datasheet
118Kb / 5P
   MOSFET ??Power, Single N-Channel 100 V, 38 m, 21 A
December, 2021-Rev. 1
NTMFS4927NT1G ONSEMI-NTMFS4927NT1G Datasheet
120Kb / 7P
   Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
June, 2012 ??Rev. 8
NTMFS4C13NT1G ONSEMI-NTMFS4C13NT1G Datasheet
126Kb / 7P
   Power MOSFET 30 V, 38 A, Single N?묬hannel, SO?? FL
November, 2013 ??Rev. 2
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com