|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
ADG636 - 1 pC Charge Injection, 100 pA Leakage CMOS 5 V/5 V/3 V Dual SPDT Switch - Analog Devices |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| ADG604 | 1 pC Charge Injection 100 pA Leakage CMOS ±5 V/5 V/3 V 4-Channel Multiplexer | 1 2 3 4 5 More | Analog Devices |
| ADG1236 | 2 pF Off Capacitance 1 pC Charge Injection ±15 V/12 V iCMOS⢠Dual SPDT Switch | 1 2 3 4 5 More | Analog Devices |
| CWB2269 | CMOS/DMOS Wideband Dual SPDT Analog Switch | 1 2 3 4 | Calogic, LLC |
| HS-303RH-T | Radiation Hardened CMOS Dual SPDT Analog Switch | 1 2 | Intersil Corporation |
| HS-390RH-T | Radiation Hardened CMOS Dual SPDT Analog Switch | 1 2 | Intersil Corporation |
| ADG736 | CMOS Low Voltage 4 ohm Dual SPDT Switch | 1 2 3 4 5 More | Analog Devices |
| HS-303RH | Radiation Hardened CMOS Dual SPDT Analog Switch | 1 2 | Intersil Corporation |
| HI-303883 | Dual SPDT CMOS Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| IH5151 | Dual SPDT CMOS Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| ADG611 | 1 pC Chanrge Injection 100 pA Leakage CMOS +-5 V/+5 V/+3 V Quad SPST Switches | 1 2 3 4 5 More | Analog Devices |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|