|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AC03DSM - 3 A MOLD ISOLATED TRIAC - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AC16DSMA | 16A MOLD ISOLATED TRIAC | 1 2 3 4 5 More | NEC |
| TG-F | ISOLATED TRIAC MOLD TYPE | 1 2 3 4 5 More | List of Unclassifed Manufacturers |
| TG16C | TRIAC ISOLATED MOLD TYPE | 1 2 | SanRex Corporation |
| TMG8C60F | Isolated Mold Triac Suitable for wide range of Applications | 1 2 | SanRex Corporation |
| TMG5C40 | Isolated mold triac suitable for wide range of applications like copier | 1 2 | SanRex Corporation |
| BCR12PM | Isolated Triac 12 Amperes/400-600 Volts | 1 2 3 4 5 More | Powerex Power Semiconductors |
| TSR50AA40 | TRIAC ISOLATED TYPE TO-240 PACKAGE | 1 | SanRex Corporation |
| TMG10C40 | TRIAC ISOLATED TYPE | 1 2 | SanRex Corporation |
| CQ218I-25B | ISOLATED TAB TRIAC 25AMP 200 THRU 800 VOLTS | 1 2 | Central Semiconductor Corp |
| T8A6CI | BI-DIRECTIONAL TRIODE THYRISTOR 8A MOLD TRIAC AC POWER CONTROL | 1 2 3 | KEC(Korea Electronics) |
Datasheet Page |
1 2 3 4 5 6 |
Link URL |
|
|