![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
| Shortcut : 2N4170(3) 2N4171(1) 2N4172(2) 2N4173(1) 2N4174(2) |
|
Click Here View 2N4174 Datasheet
|
|
||||||||||||||||||||||||||
| Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TYNX40-1 | 40A SCRs | STMicroelectronics |
| ID100 | SCRs .5 Amp Planar | Microsemi Corporation |
| MCR225-8FP | ISOLATED SCRs 25 AMPERES RMS 600 thru 800 VOLTS | ON Semiconductor |
| 2N6394 | SCRs 12 AMPERES RMS 50 thru 800 VOLTS | Motorola, Inc |
| TYNX40 | 40A SCRs | STMicroelectronics |
| ID200 | SCRs 1.6 Amp Planear | Microsemi Corporation |
| P0102AL | 0.25A SCRs | STMicroelectronics |
| BRX44 | SCRs 0.8 AMPERE RMS 30 TO 400 VOLTS | Motorola, Inc |
| X02 | 1.25A SCRs | STMicroelectronics |
| 2N681 | 25 and 35 Amp RMS SCRs | Knox Semiconductor, Inc |
| Related keyword |
| 2N4174 Datasheet | 2N4174 Cross Reference | 2N4174 Schematic | 2N4174 Distributor | 2N4174 Datenblatt | 2N4174 RoHS |
| 2N4174 Equivalent | 2N4174 Application Notes | 2N4174 Data Sheet | 2N4174 component | 2N4174 Fiche Technique | 2N4174 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |