|
Electronic Component's Datasheet Search Site ![]() Mirror site : alldatasheet.net , alldatasheet.co.kr , cn.alldatasheet.com , alldatasheet.jp , alldatasheet.es , alldatasheet.fr Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
Shortcut | |
|
Datasheet |
1SMZG10GP - 0.8 A Surface Mounted Glass Passivated Bridge - ETC |
|
Click 1SMZG10GP to view datasheet |
|
|||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| FMD1S | SINGLE-PHASE GLASS PASSIVATED MINI FAST RECOVERY SURFACE MOUNT BRIDGE RECTIFIER VOLTAGE RANGE 50 to 1000 Volts CURRENT 0.8 Ampere | Rectron Semiconductor |
| DF150S | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | Won-Top Electronics |
| DF005S | SINGLE PHASE GLASS PASSIVATED SURFACE MOUNT BRIDGE RECTIFIER | Shanghai Sunrise Electronics |
| RH01 | SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIERS | Lite-On Technology Corporation |
| DF15005S | 1.5A SURFACE MOUNT GLASS PASSIVATED BRIDGE RECTIFIER | Diodes Incorporated |
| DF005S | Surface Mount Glass Passivated Bridge Rectifiers | Weitron Technology |
| FRS3A | 3 Amp. Surface Mounted Glass Passivated Fast Recovery Rectifier | ETC |
| FES3A | 3 Amp. Surface Mounted Glass Passivated Ultrafast Recovery Rectifier | ETC |
| HD01 | 0.8 Amp Single Phase Glass Passivated Bridge Rectifier 100 to 1000 Volts | Micro Commercial Components |
| WD01 | Surface Mount Glass Passivated Bridge Rectifiers | Weitron Technology |
Link URL |
|
|
Related keyword |
| 1SMZG10GP Datasheet | 1SMZG10GP Cross Reference | 1SMZG10GP Schematic | 1SMZG10GP Distributor | 1SMZG10GP Datenblatt | 1SMZG10GP RoHS |
| 1SMZG10GP Equivalent | 1SMZG10GP Application Notes | 1SMZG10GP Data Sheet | 1SMZG10GP component | 1SMZG10GP Fiche Technique | 1SMZG10GP Circuit |
Sponsor of Alldatasheet |
|
|
Does ALLDATASHEET.COM help your business so far? |
About Alldatasheet | Advertisement | Partner program | Contact us | Privacy Policy | Bookmark | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com 2003 - 2010 |
| |