|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
SP8790 - 60MHz / 4 (2-MODULUS EXTENDER) - Zarlink Semiconductor Inc |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| EL2344 | Triple Low-Power 60MHz Unity-Gain Stable Op Amp | 1 2 3 4 5 More | Intersil Corporation |
| M54477L | 1/128 1/136 2-MODULUS HIGH SPEED DIVIDER WITH ECL OUTPUT | 1 2 3 | Mitsubishi Electric Semiconductor |
| ADS823 | 10-Bit 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Texas Instruments |
| ASM5CVF857 | 2.5V Wide-Range Frequency Clock Driver 60MHz - 200MHz | 1 2 3 4 5 More | Alliance Semiconductor Corporation |
| ADS830 | 8-Bit 60MHz Sampling ANALOG-TO-DIGITAL CONVERTER | 1 2 3 4 5 More | Burr-Brown Corporation |
| EL2224 | Dual 60MHz Unity Gain Stable Operational Amplifier | 1 2 3 4 5 More | Elantec Semiconductor |
| EL6265C | 13 Channel 60MHz Switched Gain Pre-Amp | 1 2 | Elantec Semiconductor |
| EL2224D | Dual 60MHz Unity Gain Stable Operational Amplifier | 1 | Elantec Semiconductor |
| HA-5102 | Dual and Quad 8MHz and 60MHz Low Noise Operational Amplifiers | 1 2 3 4 5 More | Intersil Corporation |
Datasheet Page |
1 2 3 4 5 6 7 |
Link URL |
|
|