|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AD7485 - 1 MSPS, Serial 14-Bit SAR ADC - AMIC Technology |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AD7866 | Dual 1 MSPS 12-Bit 2-Channel SAR ADC with Serial Interface | 1 2 3 4 5 More | Analog Devices |
| AD7265 | Differential Input Dual 1 MSPS 12-Bit 3-Channel SAR ADC | 1 2 3 4 5 More | Analog Devices |
| AD9252 | Octal 14-Bit 50 MSPS Serial LVDS 1.8 V A/D Converter | 1 2 3 4 5 More | Analog Devices |
| AD7484 | 3MSPS 14-Bit SAR ADC | 1 2 3 4 5 More | Analog Devices |
| AFE8406 | 14-Bit 85 MSPS Dual ADC 8-Channel Wideband Receiver | 1 2 3 4 5 More | Texas Instruments |
| AD7827 | 3 V/5 V 1 MSPS 8-Bit Serial Interface Sampling ADC | 1 2 3 4 5 More | Analog Devices |
| AD7894 | 5 V 14-Bit Serial 5 ms ADC in SO-8 Package | 1 2 3 4 5 More | Analog Devices |
| AD9445 | 14-Bit 105/125 MSPS IF Sampling ADC | 1 2 3 4 5 More | Analog Devices |
| AD7266 | Differential Input Dual 2 MSPS 12-Bit 3-Channel SAR ADC | 1 2 3 4 5 More | Analog Devices |
| LTC1417 | Low Power 14-Bit 400ksps Sampling ADC Converter with Serial I/O | 1 2 3 4 5 More | Linear Technology |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 |
Link URL |
|
|