![]() Datasheet Search System ![]() Mirror site : alldatasheet.net, alldatasheet.co.kr cn.alldatasheet.com Components, Electronics Parts, integrated circuits, diodes, triacs, and other semiconductors information |
Shortcut | |
|
Datasheet |
2SC2438 - MOLD TYPE BIPOLAR TRANSISTORS - ETC |
|
Click Here View 2SC2438 Datasheet |
|
||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Manufacturer |
| TA84002F | PWM CHOPPER TYPE 2−PHASE BIPOLAR STEPPING MOTOR DRIVER | Toshiba Semiconductor |
| GL4600 | Double Ended Mold Type Infrared Emitting Diode | Sharp Electrionic Components |
| SG25AA | THYRISTOR MODULE ISOLATED MOLD TYPE | ETC |
| 03P2M | 0.47 A R.M.S. ALL DIFFUSED MOLD TYPE SCR | NEC |
| 2SD2693A | Power Transistors Silicon NPN triple diffusion planar type | Panasonic Semiconductor |
| TB6504F | PWM CHOPPER TYPE BIPOLAR STEPPING MOTOR DRIVER | Toshiba Semiconductor |
| HLB120S | NPN Triple Diffused Planar Type High Voltage Transistors | Hi-Sincerity Mocroelectronics |
| FA1A4M | MEDIUM SPEED SWITCHING RESISTOR BUILT-IN TYPE NPN TRANSISTOR MINI MOLD | NEC |
| GL537 | ¥Õ 5mm Resin Mold Type Infrared Emitting Diode | Sharp Electrionic Components |
| 03P2J | ALL DIFFUSED TYPE SCR POWER MINI MOLD | NEC |
Link URL |
|
|
Related keyword |
| 2SC2438 Datasheet | 2SC2438 Cross Reference | 2SC2438 Schematic | 2SC2438 Distributor | 2SC2438 Datenblatt | 2SC2438 RoHS |
| 2SC2438 Equivalent | 2SC2438 Application Notes | 2SC2438 Data Sheet | 2SC2438 component | 2SC2438 Fiche Technique | 2SC2438 Circuit |
|
Does ALLDATASHEET.COM help your business so far? |
All Rights Reserved© Alldatasheet.com 2003 - 2008 Contact us Privacy Policy Bookmark Link Exchange Site link Manufacturer |