|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LMF380 - LMF380 Triple One-Third Octave Switched-Capacitor Active Filter - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LTC1562 | Very Low Noise Low Distortion Active RC Quad Universal Filter | 1 2 3 4 5 More | Linear Technology |
| UAF42 | FILTER DESIGN PROGRAM FOR THE UAF42 UNIVERSAL ACTIVE FILTER | 1 2 3 4 5 More | Burr-Brown Corporation |
| LTC1563-2 | Active RC 4th Order Lowpass Filter Family | 1 2 3 4 5 More | Linear Technology |
| MIC5190 | Ultra High-Speed High-Current Active Filter/LDO Controller | 1 2 3 4 5 More | Micrel Semiconductor |
| QPI-1L | 12 Amp Active EMI Filter for 48V DC Bus | 1 2 3 4 5 More | Vicor Corporation |
| IXHQ100 | Negative Voltage Hot Swap Controller with Active Power Filter | 1 2 3 4 5 More | IXYS Corporation |
| QPI-2L | 12 Amp Active EMI Filter for 24V DC Bus | 1 2 3 4 5 More | Vicor Corporation |
| AF100 | UNIVERSAL ACTIVE FILTER | 1 2 3 4 5 More | National Semiconductor |
| MAX7480 | 8th-Order Lowpass Butterworth Switched-Capacitor Filter | 1 2 3 4 5 More | Maxim Integrated Products |
| QPI-3L | 7 Amp Active EMI Filter for 24V DC Bus | 1 2 3 4 5 More | Vicor Corporation |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 |
Link URL |
|
|