|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
AA112 - GOLD BONDED GERMANIUM DIODE - List of Unclassifed Manufacturers |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| AA123 | GOLD BONDED GERMANIUM DIODE | 1 | List of Unclassifed Manufacturers |
| 1N60 | GOLD BONDED GERMANIUM DIODE | 1 | List of Unclassifed Manufacturers |
| AA119 | GOLD BONDED GERMANIUM DIODE | 1 | List of Unclassifed Manufacturers |
| 1N100 | GOLD BONDED GERMANIUM DIODE | 1 | List of Unclassifed Manufacturers |
| AA137 | GOLD BONDED GERMANIUM DIODE | 1 | List of Unclassifed Manufacturers |
| AA121 | GOLD BONDED GERMANIUM DIODE | 1 | List of Unclassifed Manufacturers |
| AA139 | GOLD BONDED GERMANIUM DIODE | 1 | List of Unclassifed Manufacturers |
| AA135 | GOLD BONDED GERMANIUM DIODE | 1 | List of Unclassifed Manufacturers |
| 1N191 | Gold Bonded Germanium Diode Peak Inverse Voltage : 90V Peak Forward Current : 500mA | 1 | List of Unclassifed Manufacturers |
| AA143 | Gold Bonded Germanium Diodes | 1 | Microsemi Corporation |
Datasheet Page |
1 |
Link URL |
|
|