|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
UPG2030TK - NECs 1 W ULTRA SMALL SPDT SWITCH - NEC |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| UPG2008TK | NECs L S BAND ULTRA SMALL SPDT GaAs MMIC SWITCH | 1 2 | California Eastern Labs |
| UPG2009TB | NECs L S-BAND 4W SPDT SWITCH | 1 2 3 4 5 More | NEC |
| UPG2030TB | NECs 1W L S-BAND SPDT SWITCH | 1 2 3 4 5 More | NEC |
| UPG2015TB | NECs 1W SINGLE CONTROL L S-BAND SPDT SWITCH | 1 2 3 4 5 More | NEC |
| ISL84684 | Ultra Low ON-Resistance Low Voltage Single Supply Dual SPDT Analog Switch | 1 2 3 4 5 More | Intersil Corporation |
| PS7801 | NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET | 1 2 3 4 5 More | NEC |
| PS7802 | NECs 4-PIN ULTRA SMALL FLAT-LEAD LOW OUTPUT CAPACITANCE 1-CH OPTICAL COUPLED MOSFET | 1 2 3 4 5 More | NEC |
| UPG2027TQ | NECs L-BAND 4W HIGH POWER SPDT SWITCH IC | 1 2 3 4 5 More | NEC |
Datasheet Page |
1 2 3 4 5 6 7 8 9 |
Link URL |
|
|