Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

PTCCL17H401HBE Datasheet (PDF) - Vishay Siliconix

PTCCL17H401HBE Datasheet PDF - Vishay Siliconix
Part # PTCCL17H401HBE
Download  PTCCL17H401HBE Download

File Size   135.39 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 265 V PTC Thermistors for Overload Protection

PTCCL17H401HBE Datasheet (PDF)

Go To PDF Page Download Datasheet
PTCCL17H401HBE Datasheet PDF - Vishay Siliconix

Part # PTCCL17H401HBE
Download  PTCCL17H401HBE Click to download

File Size   135.39 Kbytes
Page   6 Pages
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix
Description 265 V PTC Thermistors for Overload Protection

PTCCL17H401HBE Datasheet (HTML) - Vishay Siliconix

PTCCL17H401HBE Datasheet HTML 1Page - Vishay Siliconix PTCCL17H401HBE Datasheet HTML 2Page - Vishay Siliconix PTCCL17H401HBE Datasheet HTML 3Page - Vishay Siliconix PTCCL17H401HBE Datasheet HTML 4Page - Vishay Siliconix PTCCL17H401HBE Datasheet HTML 5Page - Vishay Siliconix PTCCL17H401HBE Datasheet HTML 6Page - Vishay Siliconix



Similar Part No. - PTCCL17H401HBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL17H401HBE VISHAY-PTCCL17H401HBE Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL17H401HBE VISHAY-PTCCL17H401HBE Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
More results


Similar Description - PTCCL17H401HBE

ManufacturerPart #DatasheetDescription
logo
Vishay Siliconix
PTCCL05H950HBE VISHAY-PTCCL05H950HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL05H630HBE VISHAY-PTCCL05H630HBE Datasheet
201Kb / 6P
   265 V PTC Thermistors For Overload Protection
Revision: 18-Aug-09
PTCCL-265V VISHAY-PTCCL-265V_V01 Datasheet
133Kb / 6P
   265 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-265V VISHAY-PTCCL-265V Datasheet
135Kb / 6P
   265 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145-V VISHAY-PTCCL-145-V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCCL-145V VISHAY-PTCCL-145V_V01 Datasheet
129Kb / 6P
   145 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCCL-145V VISHAY-PTCCL-145V Datasheet
132Kb / 6P
   145 V PTC Thermistors for Overload Protection
Revision: 21-Sep-15
PTCTL VISHAY-PTCTL Datasheet
118Kb / 4P
   PTC Thermistors, Overload Protection for Telecommunication
Revision: 13-Nov-15
PTCCL-600V VISHAY-PTCCL-600V_V01 Datasheet
91Kb / 3P
   600 V / 1000 V PTC Thermistors for Overload Protection
01-Jan-2022
PTCTZ VISHAY-PTCTZ Datasheet
83Kb / 3P
   SMD PTC Thermistors For Overload Protection
Revision: 27-Nov-15
More results




About Vishay Siliconix


Vishay Siliconix is a subsidiary of Vishay Intertechnology, a global manufacturer of passive electronic components.
Vishay Siliconix specializes in the design, manufacturing, and marketing of power MOSFETs, IGBTs, and other power semiconductors.
The company was founded in 1962 and is headquartered in Santa Clara, California.
Vishay Siliconix provides power solutions for a variety of applications, including renewable energy systems, industrial equipment, computing and telecommunications, and automotive electronics.
The company's products are designed for high efficiency, low power consumption, and high reliability, and are manufactured in state-of-the-art facilities using advanced fabrication processes.
With a focus on innovation and customer satisfaction, Vishay Siliconix is committed to providing its customers with the best power management solutions to meet their needs.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com