Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

QTLP650D-RGB Datasheet (PDF) - Fairchild Semiconductor

QTLP650D-RGB Datasheet PDF - Fairchild Semiconductor
Part # QTLP650D-RGB
Download  QTLP650D-RGB Download

File Size   92.44 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SURFACE MOUNT LED LAMP

QTLP650D-RGB Datasheet (PDF)

Go To PDF Page Download Datasheet
QTLP650D-RGB Datasheet PDF - Fairchild Semiconductor

Part # QTLP650D-RGB
Download  QTLP650D-RGB Click to download

File Size   92.44 Kbytes
Page   7 Pages
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor
Description SURFACE MOUNT LED LAMP

QTLP650D-RGB Datasheet (HTML) - Fairchild Semiconductor

QTLP650D-RGB Datasheet HTML 1Page - Fairchild Semiconductor QTLP650D-RGB Datasheet HTML 2Page - Fairchild Semiconductor QTLP650D-RGB Datasheet HTML 3Page - Fairchild Semiconductor QTLP650D-RGB Datasheet HTML 4Page - Fairchild Semiconductor QTLP650D-RGB Datasheet HTML 5Page - Fairchild Semiconductor QTLP650D-RGB Datasheet HTML 6Page - Fairchild Semiconductor QTLP650D-RGB Datasheet HTML 7Page - Fairchild Semiconductor

QTLP650D-RGB Product details

DESCRIPTION
This full-color surface mount chip LED is designed to fit industry standard footprint. Small size, low profile and wide viewing angle
make this LED ideal for backlighting applications and panel illumination.

FEATURES
• Miniature footprint - 3.2(L) X 2.7(W) X 1.1(H) mm
• AllnGaP and InGaN technology
• Wide viewing angle of 140°
• Diffused optics
• Moisture-proof packaging
• Available in 0.315" (8mm) width tape on 7" (178mm) diameter reel; 2,000 units per reel

APPLICATIONS
• Keypad backlighting
• Push-button backlighting
• LCD backlighting




Similar Part No. - QTLP650D-RGB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP650D-2 FAIRCHILD-QTLP650D-2 Datasheet
401Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650D-2 FAIRCHILD-QTLP650D-2 Datasheet
403Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650D-2 FAIRCHILD-QTLP650D-2 Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650D-2 FAIRCHILD-QTLP650D-2 Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP STANDARD BRIGHT 1206
QTLP650D-2 FAIRCHILD-QTLP650D-2 Datasheet
407Kb / 7P
   SURFACE MOUNT LED LAMP
More results


Similar Description - QTLP650D-RGB

ManufacturerPart #DatasheetDescription
logo
Fairchild Semiconductor
QTLP670C-2 FAIRCHILD-QTLP670C-2 Datasheet
155Kb / 7P
   SURFACE MOUNT LED LAMP
QTLP600CRGBTR FAIRCHILD-QTLP600CRGBTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
AM23SYC-F KINGBRIGHT-AM23SYC-F Datasheet
279Kb / 5P
   SURFACE MOUNT LED LAMP
AM23YD-F KINGBRIGHT-AM23YD-F Datasheet
280Kb / 5P
   SURFACE MOUNT LED LAMP
AM23ESGW KINGBRIGHT-AM23ESGW Datasheet
324Kb / 6P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP600CRTR FAIRCHILD-QTLP600CRTR Datasheet
142Kb / 8P
   SURFACE MOUNT LED LAMP
logo
Kingbright Corporation
KM-23ESGW KINGBRIGHT-KM-23ESGW Datasheet
156Kb / 5P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C7TR FAIRCHILD-QTLP670C7TR Datasheet
160Kb / 7P
   SURFACE MOUNT LED LAMP
logo
Everlight Electronics C...
QTLP603CIWTR EVERLIGHT-QTLP603CIWTR Datasheet
1Mb / 7P
   SURFACE MOUNT LED LAMP
logo
Fairchild Semiconductor
QTLP670C-T FAIRCHILD-QTLP670C-T Datasheet
178Kb / 8P
   SURFACE MOUNT LED LAMP
QTLP601C-EB FAIRCHILD-QTLP601C-EB Datasheet
352Kb / 6P
   SURFACE MOUNT LED LAMP
More results




About Fairchild Semiconductor


Fairchild Semiconductor was a pioneering semiconductor company that was founded in the late 1950s.
The company was known for its innovation in the development of the first commercial transistor and for its contributions to the advancement of the integrated circuit technology.
Fairchild became a leading supplier of power semiconductors, analog and mixed-signal integrated circuits, and other semiconductor products.
The company was acquired by ON Semiconductor in 2016 and its products and technologies continue to be developed and sold under the ON Semiconductor brand.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com