|
Electronic Component's Datasheet Search Site ![]() Mirror site (Language) : English , Chinese , German , Japanese , Russian , Korean , Spanish , French , Italian , Portuguese , Polish Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information |
|
Featured Products and Offers |
|
|
Datasheet |
LM3475 - Hysteretic PFET Buck Controller - National Semiconductor |
|
|
| |||||||||||||||||||||||||||||||||||||
Related Electronics Part Number |
| Part Number | Components Description | Html View | Manufacturer |
| LM3489 | Hysteretic PFET Buck Controller with Enable Pin | 1 2 3 4 5 More | National Semiconductor |
| LM3485 | Hysteretic PFET Buck Controller | 1 2 3 4 5 More | National Semiconductor |
| LM27213 | Single Phase Hysteretic Buck Controller | 1 2 3 4 5 More | National Semiconductor |
| CS51031 | Fast PFET Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS51033 | Fast PFET Buck Controller | 1 2 3 4 5 More | ON Semiconductor |
| CS51031 | Fast PFET Buck Controller Does Not Require Compensation | 1 2 3 4 5 More | Cherry Semiconductor Corporation |
| CS51033 | Fast PFET Buck Controller Does Not Require Compensation | 1 2 3 4 5 More | Cherry Semiconductor Corporation |
| SP6122 | Low Voltage Micro 8 PFET Buck Controller Ideal for 1A to 5A Small Footprint DC-DC Power Converters | 1 2 3 4 5 More | Sipex Corporation |
| LM27212 | Two-Phase Current-Mode Hysteretic Buck Controller | 1 2 3 4 5 More | National Semiconductor |
| US3012 | 5 BIT PROGRAMMABLE SYNCHRONOUS BUCK CONTROLLER IC | 1 2 3 4 5 More | UNISEM |
Datasheet Page |
1 2 3 4 5 6 7 8 9 10 11 12 13 14 |
Link URL |
|
|