Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.COM

X  

P122 Datasheet (PDF) - Amphenol Corporation

P122 Datasheet PDF - Amphenol Corporation
Part # P122
Download  P122 Download

File Size   50.87 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description High reliability, solid state silicon pressure sensors

P122 Datasheet (PDF)

Go To PDF Page Download Datasheet
P122 Datasheet PDF - Amphenol Corporation

Part # P122
Download  P122 Click to download

File Size   50.87 Kbytes
Page   2 Pages
Manufacturer  AMPHENOL [Amphenol Corporation]
Direct Link  http://www.amphenol.com
Logo AMPHENOL - Amphenol Corporation
Description High reliability, solid state silicon pressure sensors

P122 Datasheet (HTML) - Amphenol Corporation

P122 Datasheet HTML 1Page - Amphenol Corporation P122 Datasheet HTML 2Page - Amphenol Corporation

P122 Product details

The P122 piezoresistive pressure sensors are offered in a miniature 0.10 in x 0.10 in (2.5 mm x 2.5 mm) die. When excited with 1.0 mA, the P122 produces a millivolt output that is proportional to input pressure. The P122 is available as an absolute pressure sensor where the media pressure is referenced to an internal vacuum sealed in the die. With NovaSensor’s SenStable® process, the P122 will provide very good long-term stability and excellent repeatability.

Features
• High reliability, solid state silicon pressure
   sensors
• Available in absolute pressure version
• Standard pressure ranges: 1700, 3500,
   17000, 21000, 35000 and 70000 kPaA
• Nonlinearity < 0.25% FSO BFSL
• 2X overpressure limit

Applications
• Process control systems
• Pneumatic controls
• Biomedical instruments
• Hydraulic systems




Similar Part No. - P122

ManufacturerPart #DatasheetDescription
logo
Polyfet RF Devices
P122 POLYFET-P122 Datasheet
43Kb / 2P
   PATENTED GOLD METALLIZED SILICON GATE ENHANCEMENT MODE RF POWER VDMOS TRANSISTOR
logo
International Rectifier
P122 IRF-P122 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
P122 IRF-P122 Datasheet
82Kb / 7P
   PASSIVATED ASSEMBLED CIRCUIT ELEMENTS
logo
Vishay Siliconix
P122 VISHAY-P122 Datasheet
179Kb / 6P
   Passivated Assembled Circuit Elements, 25 A
Revision: 04-Nov-09
logo
Connor-Winfield Corpora...
P122-155.52 CONNOR-WINFIELD-P122-155.52 Datasheet
130Kb / 2P
   5.0x7.0mm Surface Mount LVPECL Clock Oscillator Series
More results


Similar Description - P122

ManufacturerPart #DatasheetDescription
logo
Amphenol Corporation
P1300 AMPHENOL-P1300 Datasheet
49Kb / 2P
   High reliability, solid state silicon pressure sensors
P112 AMPHENOL-P112 Datasheet
43Kb / 2P
   High reliability, solid state silicon pressure sensors
P1302 AMPHENOL-P1302 Datasheet
72Kb / 4P
   High reliability, solid state silicon pressure sensors
logo
Omron Electronics LLC
D8M OMRON-D8M Datasheet
734Kb / 6P
   Solid State Pressure Sensors
D8M OMRON-D8M_V01 Datasheet
401Kb / 6P
   Solid State Pressure Sensors
logo
Amphenol Corporation
P111 AMPHENOL-P111 Datasheet
48Kb / 2P
   Highly reliable, solid state silicon pressure sensors
NPH-8-100 AMPHENOL-NPH-8-100 Datasheet
92Kb / 4P
   Solid state, high reliability
NPI-19 AMPHENOL-NPI-19 Datasheet
65Kb / 4P
   Solid state, high reliability
NPH-8 AMPHENOL-NPH-8 Datasheet
111Kb / 4P
   Solid state, high reliability
NPC-100 AMPHENOL-NPC-100 Datasheet
109Kb / 4P
   Solid state, high reliability
More results




About Amphenol Corporation


Amphenol Corporation is a global manufacturer of interconnect products, including connectors and cable assemblies, for various markets such as telecommunications, industrial, automotive, military, aerospace and medical.

The company was founded in 1932 and is headquartered in Wallingford, Connecticut.

Amphenol has a broad product portfolio that includes circular, rectangular, fiber optic, and high-speed interconnects, as well as coaxial and specialty cable assemblies.

The company's products are used in a wide range of applications, from smartphones and laptops to aircraft, automobiles, and military systems.

With operations and facilities in over 60 countries, Amphenol has a strong global presence in the interconnect solutions market.

The company is known for its innovation and technology leadership, as well as its commitment to quality and customer service.

Amphenol has been recognized as one of the world's most ethical companies and has a long-standing reputation for responsible business practices.

*This information is for general informational purposes only, we will not be liable for any loss or damage caused by the above information.




Link URL



Privacy Policy
ALLDATASHEET.COM
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Datasheet Upload   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com