Electronic Component's Datasheet Search Site

Mirror site (Language) :  EnglishChineseGermanJapaneseRussianKoreanSpanishFrenchItalianPortuguesePolish
Electronic Components, Parts, Semiconductors, Diode, Triac, LED, Capacitor, Connector, LCD, Relay, Transistor, other information
Part Name    
    Description 
   Shortcut :      SMT160(1)

Featured Products and Offers


Datasheet

    SMT160 - Temperature sensor with digital output - List of Unclassifed Manufacturers

Page

 
Part No. SMT160
Description  Temperature sensor with digital output
Download  SMT160 Click to view
File Size   79.63 Kbytes / 9 Pages
Maker  ETC [List of Unclassifed Manufacturers]
Homepage  
Logo 

Related Electronics Part Number

Part NumberComponents DescriptionHtml ViewManufacturer
ADT7316SPI/I2C Compatible 10-Bit Digital Temperature Sensor and Quad Voltage Output 12/10/8-Bit DAC 1 2 3 4 5 MoreAnalog Devices
FM75Low Voltage 2-Wire Digital Temperature Sensor with Thermal Alarm 1 2 3 4 5 MoreFairchild Semiconductor
FCD4B14Thermal Fingerprint Sensor with 0.4 mm x 14 mm Sensing Area and Digital Output 1 2 3 4 5 MoreATMEL Corporation
LM63±1C/±3C Accurate Remote Diode Digital Temperature Sensor with Integrated Fan Control 1 2 3 4 5 MoreNational Semiconductor
LM91Diode Input Digital Temperature Sensor with Two-Wire Interface 1 2 3 4 5 MoreOKI electronic componets
ADT7484ADigital Temperature Sensor with SST Interface 1 2 3 4 5 MoreAnalog Devices
LM75Digital Temperature Sensor and Thermal WATCHDOG with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor
LM95221Dual Remote Diode Digital Temperature Sensor with SMBus Interface 1 2 3 4 5 MoreNational Semiconductor
LM732.7V SOT-23 11-to-14 Bit Digital Temperature Sensor with 2-Wire Interface 1 2 3 4 5 MoreNational Semiconductor
LM76±0.5°C ±1°C 12-Bit Sign Digital Temperature Sensor and Thermal Window Comparator with Two-Wire Interface 1 2 3 4 5 MoreNational Semiconductor

Datasheet Page

1 2 3 4 5 6 7 8 9


Link URL

Related keyword

  SMT160 Datasheet   SMT160 Cross Reference   SMT160 Schematic   SMT160 Distributor   SMT160 Datenblatt   SMT160 RoHS
  SMT160 Equivalent   SMT160 Application Notes   SMT160 Data Sheet   SMT160 component   SMT160 Fiche Technique   SMT160 Circuit

Sponsor of Alldatasheet


Chinese Marketplace to Buy/Sell Semiconductor Electronic components on-line for Brokers and Distributors.
IC5858.com

Korean Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
ICpart.com

World wide Buy/Sell Semiconductor & Electronic components on-line marketplace for Brokers and Distributors.
IC2IC.com

Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |  Advertisement   |  Partner program   |  Contact us   |   Privacy Policy   |   Bookmark   |  Link Exchange   |  Manufacturer List
All Rights Reserved©Alldatasheet.com 2003 - 2012   


Mirror Sites
English : Alldatasheet.com ,  Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp  |   Russian : Alldatasheetru.com  
Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com  |   Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl